Electronic Components Datasheet Search
  English  ▼

X  

7973 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 7973
Description  Super Sub Mini Transponder/Responder (SSM)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

7973 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  7973 Datasheet HTML 1Page - Sonardyne sound in depth 7973 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 10/2006
Specifications
Super Sub Mini Transponder/Responder (SSM)
Feature
Type 7973
Depth Rating
1,000 Metres
Operating Frequency
MF (19-36kHz)
Transducer Beamshape
Omni-Directional
Operating Channels
All Sonardyne and HPR 300 / 400 Channels, HiPAP Channels B12-B87
Transmit Source level (dB re 1µPa @1M)
190dB
Receive Sensitivity (dB re 1µPa)
<95dB
Number of Replies
Responder
Transponder
Unlimited
40,000
Depth Telemetry
Yes
Maximum Update Period
750ms
Power Supply
Long-life NiMH battery or External, 24v via ROV’s Umbilical
Quiescent Life
42 Days
Mating Connections (Bulkhead)
Subconn MCIL5M
Mechanical Construction
Aluminium Alloy, Anodised
Dimensions (LxDia)
399.6mm (15.7”) X 69.9mm (2.7”)
Weight in Air
2.7kg
Weight in Water
1.4kg
Options and Accessories
Remote Omni-Directional Transducer, Floatation Collar
Ordering Information
Type 7973-000-01
Super Sub-Mini
Type 7970-054
Responder Lead (5 metres)
Type 7973-003-01
Remote Transducer
Type 7972 SSM
Charger/Interface Kit
Type 7973-008
Floatation Collar



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com