Electronic Components Datasheet Search
  English  ▼

X  

8024 Datasheet(PDF) 1 Page - Sonardyne sound in depth

Part # 8024
Description  Scout USBL Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8024 Datasheet(HTML) 1 Page - Sonardyne sound in depth

  8024 Datasheet HTML 1Page - Sonardyne sound in depth 8024 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Datasheet
Scout USBL Transceiver
Description
The Type 8024 transceiver is a
portable, vessel-mounted acoustic
transmitter and receiver designed for
use with Sonardyne’s family of Scout
Ultra-Short BaseLine (USBL) acoustic
positioning systems.
The transceiver interrogates subsea
transponders attached to targets
being tracked (ROVs, divers,
towfish), receives their replies and
calculates the range, bearing and
declination to determine the relative
x,y,z position from the vessel.
Depending upon the type of Scout
system; Scout, Scout Plus or Scout
Pro, up to 10 subsea targets can be
tracked simultaneously.
Constructed in Aluminium Bronze,
the transceiver offers excellent
corrosion resistance making it
suitable for long term deployment.
A lightweight Aluminium alloy
version is also available for
applications where weight is an
operational factor.
Power and communications are
provided by a subsea connector.
Scout transceivers are typically
deployed from a rigid pole mounted
to the side of the vessel. When a
permanent installation is required,
the transceiver can be fitted to a
through-hull deployment machine.
Sonardyne offers options on both
over-the-side and through-hull
deployment arrangements. Please
contact us for further information.
All USBL systems need to remove the
huge effects of vessel motion. To do
this they use heading, pitch and roll
motion sensors on the vessel.
Scout transceivers are equipped with
an integrated motion sensor that
automatically compensate for the
dynamic motion of the vessel.
For higher accuracy applications,
external reference sensors can be
used with Scout Plus and Scout Pro.
During installation and storage on or
off the vessel, the transducer array is
protected with a sliding guard. This
is raised prior to deployment.
Key Features
•
Easy to install and set-up
•
Aluminium Bronze housing for long
term deployment; optional
lightweight aluminium alloy version
•
High accuracy performance; up to
0.5% of slant range
•
Integrated magnetic heading, pitch
and roll sensor reduces purchase
and operating costs
•
Over-the-side or through-hull
deployment options
•
Supports transponder Types :
7815, 7986, 7835, 8044,
8070,8071


Similar Part No. - 8024

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8024 FILTRAN-8024 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Belden Inc.
8024 BELDEN-8024 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8024-000100 BELDEN-8024-000100 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8024-0001000 BELDEN-8024-0001000 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
logo
List of Unclassifed Man...
80240 ETC2-80240 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 8024

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8021 SONARDYNE-8021 Datasheet
112Kb / 2P
Fusion USBL Transceivers
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
TRANSCEIVER
logo
Renesas Technology Corp
QB-R5F10BMG-TB RENESAS-QB-R5F10BMG-TB Datasheet
5Mb / 6P
Product Scout Automotive
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
Transceiver
October, 2015 ??Rev. 0
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
TRANSCEIVER
logo
List of Unclassifed Man...
IN5240 ETC2-IN5240 Datasheet
1Mb / 8P
Shock absorber INDIAN Scout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com