Electronic Components Datasheet Search
  English  ▼

X  

8049 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 8049
Description  Compatt 5 Back Deck Test PDA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8049 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  8049 Datasheet HTML 1Page - Sonardyne sound in depth 8049 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 10/2006
Specifications
Compatt 5 Back Deck Test PDA
Feature
Type 8049
Communications
RS232, Bluetooth, Serial IR
Processor
Intel® PXA270 Processor 312 MHz
Memory
128 MB total memory
Display
3.5" transflective TFT QVGA colour, 64K colours
Weight
550g (1.2lb)
Power
Battery
A/C Power
Removable/Rechargeable 920 mAh Lithium-lon
AC Input: 100~240 Vac, 50/60 Hz, AC Input current: 0.3 A max;
Output Voltage: 5Vdc (typical), Output Current: 2A (typical)
Dimensions (LxWxH)
210mm (8.3”) x 114mm (4.5”) x56mm (2.2”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com