Electronic Components Datasheet Search
  English  ▼

X  

8167 Datasheet(PDF) 1 Page - Sonardyne sound in depth

Part # 8167
Description  Wideband Nano Responder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8167 Datasheet(HTML) 1 Page - Sonardyne sound in depth

  8167 Datasheet HTML 1Page - Sonardyne sound in depth 8167 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Datasheet
Wideband Nano Responder
Unit shown actual size
Description
The Nano Responder is specially
designed for accurate positioning of
small ROVs and tracking of small
AUVs.
For ROVs, the responder is triggered
by a signal generated by the USBL
system and sent down the ROVs
umbilical. For AUVs either the AUVs
navigation system can generate the
trigger, or a future option will be to
put the Nano Responder into a
pinger mode. When triggered, a
Wideband signal is transmitted
acoustically enabling Sonardyne’s
USBL systems to calculate the
position of the vehicle.
The Nano Responder is fitted with a
pressure sensor to measure the depth
of the instrument and this is encoded
into the Wideband acoustic signal
sent back to the USBL system. The
depth information is used by the
USBL system to enhance the
positioning solution.
The standard instrument is 500 m
depth rated and has an acoustic
source level and beam-shape that is
designed to operate over a 750m
slant range under normal conditions.
A 5-pin connector is used to supply
power from the ROV (nominally 24V
DC) and to connect the responder
trigger line.
The Nano Responder operates in the
upper Medium Frequency band and
so is compatible with the following
Sonardyne Wideband USBL systems:
Scout Pro, Ranger, Fusion and
Marksman.
An additional feature is the ability to
change the operating parameters
using an optional serial interface to a
PC running set-up software. The
parameters which are under operator
control include: acoustic transmission
signal, turn-around time and depth
reply on or off.
Test functions via the serial port
include: read status, read depth
sensor and initiate acoustic signal
transmission.
Key Features
•
Miniature size for fitting on small
ROVs
•
Depth rated to 500 Metres
•
Powerful acoustic transmission level
•
24V external power input
•
Medium Frequency operation
•
Compatible with Sonardyne USBL
systems
•
Set-up and test via serial port and
PC software


Similar Part No. - 8167

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8167 MICRONETICS-8167 Datasheet
56Kb / 2P
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
NTE Electronics
8167 NTE-8167 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Belden Inc.
8167 BELDEN-8167 Datasheet
147Kb / 2P
RS232/422 Low Cap, #24-7pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
logo
Keystone Electronics Co...
8167 KEYSTONE-8167 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Belden Inc.
8167.00152 BELDEN-8167.00152 Datasheet
147Kb / 2P
RS232/422 Low Cap, #24-7pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
More results

Similar Description - 8167

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7656 SONARDYNE-7656 Datasheet
102Kb / 2P
Sub-Mini Transponder/Responder (Discontinued)
7823 SONARDYNE-7823 Datasheet
64Kb / 2P
High Power Transponder/Responder (Discontinued)
7823-04 SONARDYNE-7823-04 Datasheet
95Kb / 2P
High Power Transponder / Responder (Discontinued)
7970 SONARDYNE-7970 Datasheet
90Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
7973 SONARDYNE-7973 Datasheet
124Kb / 2P
Super Sub Mini Transponder/Responder (SSM)
8071 SONARDYNE-8071 Datasheet
156Kb / 2P
Wideband Sub-Mini Transponder/Responder (WSM)
logo
List of Unclassifed Man...
IW-USBN-HDC-01 ETC2-IW-USBN-HDC-01 Datasheet
422Kb / 17P
Nano WiReach USB
logo
Glenair, Inc.
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
Single Row Nano
899-010 GLENAIR-899-010 Datasheet
571Kb / 2P
Single Row Nano
899-011 GLENAIR-899-011 Datasheet
579Kb / 2P
Dual Row Nano
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com