Electronic Components Datasheet Search
  English  ▼

X  

SN55110A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN55110A
Description  DUAL LINE DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55110A Datasheet(HTML) 2 Page - Texas Instruments

  SN55110A Datasheet HTML 1Page - Texas Instruments SN55110A Datasheet HTML 2Page - Texas Instruments SN55110A Datasheet HTML 3Page - Texas Instruments SN55110A Datasheet HTML 4Page - Texas Instruments SN55110A Datasheet HTML 5Page - Texas Instruments SN55110A Datasheet HTML 6Page - Texas Instruments SN55110A Datasheet HTML 7Page - Texas Instruments SN55110A Datasheet HTML 8Page - Texas Instruments SN55110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN55109A, SN55110A
SN75109A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106B – DECEMBER 1975 – REVISED MAY 1995
2–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The driver outputs have a common-mode voltage range of – 3 V to 10 V, allowing common-mode voltage on
the line without affecting driver performance.
All inputs are diode clamped and are designed to satisfy TTL-system requirements. The inputs are tested at
2 V for high-logic-level input conditions and 0.8 V for low-logic-level input conditions. These tests ensure
400-mV noise margin when interfaced with TTL Series 54/74.
The SN55109A and SN55110A are characterized for operation over the full military temperature range of – 55
°C
to 125
°C. The SN75109A, SN75110A, and SN75112 are characterized for operation from 0°C to 70°C.
FUNCTION TABLE
(each driver)
LOGIC
INPUTS
ENABLE
INPUTS
OUTPUTS†
A
B
C
D
Y
Z
X
X
L
X
Off
Off
X
XX
LOff
Off
L
XH
HOn
Off
X
LH
HOn
Off
H
H
H
H
Off
On
H = high level, L = low level, X = irrelevant
† When using only one channel of the line drivers, the other
channel should be inhibited and/or have its outputs
grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com