Electronic Components Datasheet Search
  English  ▼

X  

SN55113W Datasheet(PDF) 2 Page - Texas Instruments

Part # SN55113W
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55113W Datasheet(HTML) 2 Page - Texas Instruments

  SN55113W Datasheet HTML 1Page - Texas Instruments SN55113W Datasheet HTML 2Page - Texas Instruments SN55113W Datasheet HTML 3Page - Texas Instruments SN55113W Datasheet HTML 4Page - Texas Instruments SN55113W Datasheet HTML 5Page - Texas Instruments SN55113W Datasheet HTML 6Page - Texas Instruments SN55113W Datasheet HTML 7Page - Texas Instruments SN55113W Datasheet HTML 8Page - Texas Instruments SN55113W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
OUTPUT
CONTROL
DATA
AND
NAND
C
CONTROL
CC
A
B†
Y
Z
L
X
X
X
Z
Z
X
L
X
XZ
Z
H
H
L
XL
H
H
H
X
LL
H
H
H
H
H
H
L
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
† B input and 4th line of function table are applicable only to
driver number 1.
logic symbol‡
2
2
2
2
1
1
1
1
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
11
6
5
10
9
7
&
&
&
2A
1B
1A
2C
CC
1C
14
15
13
12
2
1
3
4
EN2
EN1
‡ This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the J, N, and W packages.
logic diagram (positive logic)
2A
1B
1A
2C
CC
1C
11
6
5
10
9
7
2ZS
2ZP
2YS
2YP
1ZS
1ZP
1YS
1YP
14
15
13
12
2
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com