Electronic Components Datasheet Search
  English  ▼

X  

SN55173 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN55173
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55173 Datasheet(HTML) 2 Page - Texas Instruments

  SN55173 Datasheet HTML 1Page - Texas Instruments SN55173 Datasheet HTML 2Page - Texas Instruments SN55173 Datasheet HTML 3Page - Texas Instruments SN55173 Datasheet HTML 4Page - Texas Instruments SN55173 Datasheet HTML 5Page - Texas Instruments SN55173 Datasheet HTML 6Page - Texas Instruments SN55173 Datasheet HTML 7Page - Texas Instruments SN55173 Datasheet HTML 8Page - Texas Instruments SN55173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
SMALL OUTLINE
(D)
PLASTIC
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
0
°C to 70°C
SN75173D
—
—
SN75173N
–40
°C to 85°C
SN65173D
—
—
SN65173N
–55
°C to 125°C
—
SN55173FK
SN55173J
—
The D package is available taped and reeled. Add the suffix R to the device type (e.g., SN75173DR).
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLES
OUTPUT
A–B
G
G
Y
VID ≥ 02 V
H
X
H
VID ≥ 0.2 V
X
LH
0 2V<VID <0 2V
H
X
?
–0.2 V < VID < 0.2 V
X
L?
VID ≤ 02 V
H
X
L
VID ≤ –0.2 V
X
LL
X
L
H
Z
Open circuit
X
L
H
Open circuit
H
X
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic symbol †
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
4B
4A
3B
3A
2B
2A
1B
1A
G
G
4Y
3Y
2Y
1Y
13
11
5
3
15
14
9
10
7
6
1
2
12
4
EN
Pin numbers shown are for the D, J, and N packages.
≥ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com