Electronic Components Datasheet Search
  English  ▼

X  

SS22A Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SS22A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SS22A Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SS22A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SS22A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/04/2008
C
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SS22A THRU SS210A
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 V
Forward Current - 2 A
Features
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency
• The plastic package carries Underwriters Laboratory
flammability Classification 94V-0
• High forward surge current capability
• Built-in strain relief, ideal for automated placement
Mechanical Data
• Case: SMA (DO-214AC) molded plastic body
• Terminals: Leads solderable per MIL-STD-750,
Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave 60 Hz, resistive or inductive load,
For capacitive load current derate by 20%.
Parameter
Symbol SS22A SS23A SS24A SS25A SS26A SS28A SS210A Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
I(AV)
2
A
Peak Forward Surge Current 8.3 ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC method)
IFSM
50
A
Maximum Instantaneous Forward Voltage at 2 A
VF
0.55
0.75
0.85
V
TA = 25 OC
0.5
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100 OC
IR
20
10
mA
Typical Junction Capacitance
1)
CJ
220
180
pF
Typical Thermal Resistance
2)
RθJA
75
O
C/W
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
1) Measured at 1MHz and applied reverse voltage of 4 V DC.
2) P.C.B mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.


Similar Part No. - SS22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS22A SSE-SS22A Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS22A BILIN-SS22A Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS22A TAITRON-SS22A Datasheet
585Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
More results

Similar Description - SS22A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com