Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS161 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS161
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS161 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75ALS161 Datasheet HTML 3Page - Texas Instruments SN75ALS161 Datasheet HTML 4Page - Texas Instruments SN75ALS161 Datasheet HTML 5Page - Texas Instruments SN75ALS161 Datasheet HTML 6Page - Texas Instruments SN75ALS161 Datasheet HTML 7Page - Texas Instruments SN75ALS161 Datasheet HTML 8Page - Texas Instruments SN75ALS161 Datasheet HTML 9Page - Texas Instruments SN75ALS161 Datasheet HTML 10Page - Texas Instruments SN75ALS161 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN55ALS161, SN75ALS161
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019E – JUNE 1986 – REVISED NOVEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55ALS161
SN75ALS161
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–0.8
–1.5
–0.8
–1.5
V
Hysteresis
Bus
0.4
0.65
Vhys
Hysteresis
voltage
Bus
VCC = 5 V,
TA = – 55°C and 25°C
0.4
0.55
V
y
(VIT+ – VIT–)
Bus
VCC = 5 V,
TA = 125°C
0.25
§
Terminal
IOH = – 800 µA, VCC = MIN
TA = 25°C
and MAX
2.7
3.5
2.7
3.5
VOH§
High-level
output
OH
µ ,
CC
TA = MIN
2.5
3.5
2.7
3.5
V
VOH§ output
voltage
Bus
IOH = – 5.2 mA, VCC = MIN
TA = 25°C
and MAX
2.2
2.2
V
OH
,
CC
TA = MIN
2.0
2.2
VOL
Low-level
output
Terminal
IOL = 16 mA,
VCC = MIN
0.3
0.5
0.3
0.5
V
VOL
output
voltage
Bus
IOL = 48 mA¶,
VCC = MIN
0.35
0.5
0.35
0.5
V
II
Input current
at maximum
input voltage
Terminal
VI = 5.5 V,
VCC = MAX
0.2
100
0.2
100
µA
IIH
High-level
input current
Terminal
and
VI = 2.7 V,
VCC = MAX
0.1
20
0.1
20
µA
IIL
Low-level
input current
control
inputs
VI = 0.5 V,
VCC = MAX
–30
–100
–10
–100
µA
VI/O
Voltage at GPIB I/O port
Driver disabled,
VCC 5V
II(bus) = 0
2.5
3
3.7
2.5
3
3.7
V
VI/O
Voltage at GPIB I/O port
VCC = 5 V
(SN55’)
II(bus) = –12 mA
–1.5
–1.5
V
VI(bus) = –1.5 V to 0.4 V
–1.3
–1.3
D i
di
bl d
VI(bus) = 0.4 V to 2.5 V
0
–3.2
0
–3.2
II/O
Current into
GPIB I/O
Power
on
Driver disabled,
VCC = 5 V
(SN55’)
VI(bus) = 2.5 V to 3.7 V
2.5
–3.2
2.5
–3.2
mA
I/O
port
(SN55 )
VI(bus) = 3.7 V to 5 V
0
2.5
0
2.5
VI(bus) = 5 V to 5.5 V
0.7
2.5
0.7
2.5
Power off
VCC = 0
VI(bus) = 0 to 2.5 V
40
40
µA
IOS§
Short-circuit
output
Terminal
VCC = MAX
–15
–35
–75
–15
–35
–75
mA
IOS§
output
current
Bus
VCC = MAX
–25
–50
–125
–25
–50
–125
mA
ICC
Supply current
No load,
TE and DC low,
VCC = MAX
55
90
55
75
mA
CI/O
GPIB I/O port
capacitance
VCC = 0 to 5 V,
VI/O = 0 to 2 V, f = 1 MHz
30
30
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ VOH and IOS apply to 3-state outputs only.
¶ For SN55’, IOL = 24 mA at –55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com