Electronic Components Datasheet Search
  English  ▼

X  

BAT86 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BAT86
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAT86 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BAT86 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAT86 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 25/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
Fig.3 Reverse current as a function of reverse
voltage; typical values.
(3) Tamb=-40 C
(1) Tamb=85 C
(2) Tamb=25 C
10
-1
10
0
1
IR
10
(nA)
10
10
2
10
3
4
5
30
o
10
o
o
20
VR(V)
40
(3)
50
(1)
(2)
MGC686
0
0
100
50
150
(mA)
IF(AV)
250
200
50
Tamb( C)
100
o
150
Fig.1 Derating curve.
MRA540
(2) Tamb=85 C
Fig.4 Diode capacitance as a function of reverse
voltage; typical values.
4
f=1MHz
0
020
10
30
(3) Tamb=25 C
(pF)
Cd
8
12
o
50
40
VR(V)
MGC687
(3)
Fig.2 Forward current as a function of forward
voltage; typical values.
2
(2)
(1) Tamb=125 C
1
10
0
-1
10
10
(1)
0.4
o
o
0.8
(3)
10
(mA)
IF
3
(1) (2)
1.2
VF(V)
MLD357
BAT86



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com