Electronic Components Datasheet Search
  English  ▼

X  

SF87 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF87
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF87 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF87 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SF87 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 30/06/2006 H
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
SF81 THRU SF88
GLASS PASSIVATED SUPER FAST RECTIFIER
Reverse Voltage – 50 to 600 V
Forward Current – 8 A
Features
• Low forward voltage drop
• Low reverse leakage current
• Superfast switching time for high efficiency
• High current capability
• High surge current capability
Mechanical Data
• Case: Molded plastic, TO-220A
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: leads solderable per MIL-STD-202
method 208 guaranteed
• Polarity: As marked
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols
SF81
SF82
SF83
SF84
SF85
SF86
SF87
SF88
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
at TC = 100
OC
I(AV)
8
A
Peak Forward Surge Current, 8.3 ms Single
half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
125
A
Maximum Forward Voltage at 8 A and 25
OC
VF
0.95
1.3
1.7
V
Maximum Reverse Current
at TA = 25
OC
at Rated DC Blocking Voltage
TA = 125
OC
IR
10
500
µA
Typical Junction Capacitance
1)
CJ
80
60
pF
Maximum Reverse Recovery Time
2)
trr
35
50
ns
Typical Thermal Resistance
3)
RθJC
2.2
OC/W
Operating and Storage Temperature Range
TJ, Ts
- 55 to + 150
OC
1) Measured at 1 MHz and applied reverse voltage of 4 VDC.
2) Reverse recovery test conditions: I
F = 0.5 A, IR = 1 A, IRR = 0.25 A
3) Thermal resistance from Junction to case mounted on heatsink.


Similar Part No. - SF87

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF87 FORMOSA-SF87 Datasheet
39Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SF87 DAESAN-SF87 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
UNIOHM CORPORATION
SF87 UNIOHM-SF87 Datasheet
74Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF87 GWSEMI-SF87 Datasheet
76Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF87 DGNJDZ-SF87 Datasheet
185Kb / 2P
8.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF87

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com