Electronic Components Datasheet Search
  English  ▼

X  

SF64 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF64
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF64 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF64 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SF64 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/07/2008
J
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SF61 THRU SF66
SUPER FAST RECTIFIER
Reverse Voltage - 50 to 400 V
Forward Current - 6 A
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
Mechanical Data
• Case: JEDEC DO-201AD molded plastic body
• Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026 guaranteed
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols
SF61
SF62
SF63
SF64
SF65
SF66 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Rectified Current
0.375"(9.5 mm) Lead Length at TA = 55 OC
IF(AV)
6
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
150
A
Maximum Forward Voltage at 5 A
VF
0.975
1.3
V
Maximum DC Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
5
100
μA
Maximum Reverse Recovery Time
1)
trr
35
ns
Typical Junction Capacitance
2)
CJ
50
pF
Typical Thermal Resistance
RθJA
20
O
C/W
Operating and Storage Temperature Range
TJ,TS
- 65 to + 150
O
C
1) Reverse recovery test conditions: I
F = 0.5 A, IR = 1 A, IRR = 0.25 A.
2) Measured at 1 MHz and applied reverse voltage of 4 Volts..


Similar Part No. - SF64

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF64 WTE-SF64 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF64 JGD-SF64 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF64 BYTES-SF64 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF64 DIODES-SF64 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF64 FORMOSA-SF64 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF64

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com