Electronic Components Datasheet Search
  English  ▼

X  

EMA406C Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMA406C
Description  26 - 32 GHz Low Noise MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMA406C Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMA406C Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMA406C Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMA406C Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMA406C Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Excelics
EMA406C
TENTATIVE DATA SHEET
26 - 32 GHz Low Noise MMIC
FEATURES
•• 26 -32 GHz BANDWIDTH
•• +20.0 dBm TYPICAL OUTPUT POWER
•• 21 dB ±± 1.5 dB TYPICAL POWER GAIN
•• FOUR SECTION, DISTRIBUTED AMPLIFIER
•• DUAL BIAS SUPPLY
•• 0.3 MICRON RECESSED “MUSHROOM” GATE
•• Si
3N4 PASSIVATION
•• ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
ELECTRICAL CHARACTERISTICS
1 (T
a = 25
OC)
SYMBOL
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
F
Operating Frequency Range
26
32
GHz
P1dB
Ouput Power at 1dB Gain Compression
20
dBm
Gss
Small Signal Gain
21
dB
∆∆Gss
Small Signal Gain Flatness
± 1.5
dB
NF
Noise Figure
6
dB
VSWR in
Input VSWR
2.0:1
VSWR out
Output VSWR
3.0:1
Idd
Power Supply Current
140
mA
Vdd
Power Supply Voltage
5
8
V
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
215mA
Igf
Forward Gate Current
50 mA
8.5mA
Pin
Input Power
15dBm
@3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
1 W
0.85 W
Note:
1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Size 1060 x 2500 microns
Chip Thickness: 75
± 13 microns
All Dimensions In Microns


Similar Part No. - EMA406C

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA4 ROHM-EMA4 Datasheet
65Kb / 2P
General purpose (dual digital transistors)
EMA4 ROHM-EMA4 Datasheet
65Kb / 3P
General purpose (dual digital transistors)
EMA4 ROHM-EMA4 Datasheet
571Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
EMA4 ROHM-EMA4 Datasheet
1Mb / 10P
Emitter common Dual digital transistor
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
Emitter common Dual digital transistor
More results

Similar Description - EMA406C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC519 HITTITE-HMC519 Datasheet
337Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC268LM1 HITTITE-HMC268LM1 Datasheet
172Kb / 8P
SMT LOW NOISE AMPLIFIER MMIC 20 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC268LM1 HITTITE-HMC268LM1_01 Datasheet
252Kb / 8P
SMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com