Electronic Components Datasheet Search
  English  ▼

X  

EMP103 Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMP103
Description  6.4 - 8.0 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP103 Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMP103 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP103 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMP103
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised July 2004
ISSUED DATE: 07-12-04
6.4 – 8.0 GHz Power Amplifier MMIC
ASSEMBLY DRAWING
CHIP OUTLINE
TYPICAL PERFORMANCE
5
6
7
8
9
Frequency (GHz)
Small Signal Performance
-20
-15
-10
-5
0
5
10
15
20
dB[S21]
dB[S11]
dB[S22]
Data measured @ Vd=10V, Id=950mA
All Dimensions in Microns
P1dB performance
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
56
789
Frequency (GHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com