Electronic Components Datasheet Search
  English  ▼

X  

SN64BCT240 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN64BCT240
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN64BCT240 Datasheet(HTML) 3 Page - Texas Instruments

  SN64BCT240 Datasheet HTML 1Page - Texas Instruments SN64BCT240 Datasheet HTML 2Page - Texas Instruments SN64BCT240 Datasheet HTML 3Page - Texas Instruments SN64BCT240 Datasheet HTML 4Page - Texas Instruments SN64BCT240 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN64BCT240
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS049A – MAY 1990 – REVISED NOVEMBER 1993
3–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IOL
Low-level output current
64
mA
TA
Operating free-air temperature
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VCC =4 5V
IOH = – 3 mA
2.4
3.3
VOH
VCC = 4.5 V
IOH = – 15 mA
2
3.1
V
VCC = 4.75 V,
IOH = – 3 mA
2.7
VOL
VCC = 4.5 V,
IOH = 64 mA
0.42
0.55
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–50
µA
IOZ
VCC = 0 to 2.3 V (power up)
VO =2 7Vor0 5V
OE at 0 8 V
"50
µA
IOZ
VCC = 1.8 V to 0 (power down)
VO = 2.7 V or 0.5 V,
OE at 0.8 V
"50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–1
mA
IOS‡
VCC = 5.5 V,
VO = 0
– 100
– 225
mA
ICCL
VCC = 5.5 V
19
31
mA
ICCH
VCC = 5.5 V
46
71
mA
ICCZ
VCC = 5.5 V
6
9
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
11
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com