Electronic Components Datasheet Search
  English  ▼

X  

MA700 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MA700
Description  SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MA700 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MA700 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 15/08/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MA700, MA700A
SILICON EPITAXIAL PLANAR TYPE
SCHOTTKY BARRIER DIODES
for ordinary wave detection
for super high speed switching
Features
• Low forward rise voltage (VF) and satisfactory wave
• detection efficiency (η)
• Small temperature coefficient of forward characteristic
• Extremely low reverse current (IR)
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
MA700
MA700A
VRM
15
30
V
Reverse Voltage
MA700
MA700A
VR
15
30
V
Forward Current
IF
30
mA
Peak Forward Current
IFM
150
mA
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 30 mA
VF
-
-
0.4
1
V
Reverse Current
at VR = 15 V
at VR = 30 V
MA700
MA700A
IR
-
-
600
600
nA
Terminal Capacitance
at VR = 1 V, f = 1 MHz
CT
1.3
-
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 1 mA, RL = 100 Ω
trr
1
-
ns
Detection Efficiency
at Vin = 3 V(peak), f = 30 MHz, RL = 3.9 KΩ, CL = 10 pF
η
60
-
%
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - MA700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA700 PANASONIC-MA700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
MA700 EIC-MA700 Datasheet
102Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
logo
Jinan Jing Heng Electro...
MA700 JINGHENG-MA700 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - MA700

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
logo
Panasonic Semiconductor
MA2SD032 PANASONIC-MA2SD032 Datasheet
78Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA27D30 PANASONIC-MA27D30 Datasheet
84Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA4ZD03 PANASONIC-MA4ZD03 Datasheet
82Kb / 3P
Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
MA2SD30 PANASONIC-MA2SD30 Datasheet
78Kb / 3P
Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching
logo
SEMTECH ELECTRONICS LTD...
LL700 SEMTECH_ELEC-LL700 Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
RB441Q-40 SEMTECH_ELEC-RB441Q-40 Datasheet
133Kb / 2P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
logo
Toshiba Semiconductor
1SS378 TOSHIBA-1SS378_14 Datasheet
217Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Schottky Barrier Type
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com