Electronic Components Datasheet Search
  English  ▼

X  

BCV46 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BCV46
Description  PNP Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BCV46 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BCV46 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BCV46 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 18/08/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BCV26 / BCV46
PNP Darlington Transistors
for preamplifier input applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BCV26
BCV46
-VCBO
40
80
V
Collector Emitter Voltage
BCV26
BCV46
-VCEO
30
60
V
Emitter Base Voltage
-VEBO
10
V
Collector Current
-IC
500
mA
Peak Collector Current
-ICM
800
mA
Base Current
-IB
100
mA
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 1 mA
at -VCE = 5 V, -IC = 10 mA
at -VCE = 5 V, -IC = 100 mA
BCV26
BCV46
BCV26
BCV46
BCV26
BCV46
hFE
hFE
hFE
hFE
hFE
hFE
4000
2000
10000
4000
20000
10000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Collector Cutoff Current
at -VCB = 30 V
at -VCB = 60 V
BCV26
BCV46
-ICBO
-
-
-
-
100
100
nA
Emitter Cutoff Current
at -VEB = 10 V
-IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 µA
BCV26
BCV46
-V(BR)CBO
40
80
-
-
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
BCV26
BCV46
-V(BR)CEO
30
60
-
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
10
-
-
V
Collector Emitter Saturation Voltage
at -IC = 100 mA, -IB = 0.1 mA
-VCE(sat)
-
-
1
V
Base Emitter Saturation Voltage
at -IC = 100 mA, -IB = 0.1 mA
-VBE(sat)
-
-
1.5
V
Base Emitter On-state Voltage
at -IC = 10 mA, -VCE = 5 V
-VBE(on)
-
-
1.4
V
Transition Frequency
at -VCE = 5 V, -IC = 30 mA, f = 100 MHz
fT
-
220
-
MHz
SOT-23 Plastic Package


Similar Part No. - BCV46

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV46 PHILIPS-BCV46 Datasheet
43Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV46 ZETEX-BCV46 Datasheet
49Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV46 SIEMENS-BCV46 Datasheet
141Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV46 INFINEON-BCV46 Datasheet
49Kb / 5P
PNP Silicon Darlington Transistors
Jul-13-2001
logo
Diotec Semiconductor
BCV46 DIOTEC-BCV46 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCV46

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
BSS61 PHILIPS-BSS61 Datasheet
52Kb / 8P
PNP Darlington transistors
1997 May 14
BST60 PHILIPS-BST60 Datasheet
46Kb / 8P
PNP Darlington transistors
1999 Apr 27
BCV26 NXP-BCV26 Datasheet
122Kb / 7P
PNP Darlington transistors
2004 Jan 13
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
PNP Darlington transistors
2001 May 31
BCV28 PHILIPS-BCV28_15 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
BCV26 PHILIPS-BCV26_15 Datasheet
122Kb / 7P
PNP Darlington transistors
2004 Jan 13
logo
SEMTECH ELECTRONICS LTD...
MMBTA63W SEMTECH_ELEC-MMBTA63W Datasheet
203Kb / 1P
PNP Darlington Transistors
logo
Nexperia B.V. All right...
BCV26 NEXPERIA-BCV26 Datasheet
318Kb / 8P
PNP Darlington transistors
2004 Jan 13
BST60 NEXPERIA-BST60 Datasheet
329Kb / 9P
PNP Darlington transistors
2004 Dec 09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com