Electronic Components Datasheet Search
  English  ▼

X  

R2000 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # R2000
Description  HIGH VOLTAGE SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

R2000 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  R2000 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. R2000 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 30/03/2005 H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
R1200 THRU R2000
HIGH VOLTAGE SILICON RECTIFIERS
Reverse Voltage – 1200 to 2000 Volts
Forward Current – 0.2 to 0.5 Ampere
Features
Low cost
Low leakage
Low forward voltage drop
High current capability
Mechanical Data
Case: Molded plastic, DO-41
Mounting Position: Any
Terminals: Axial leads, solderable per MIL-STD-202
Absolute Maximum Ratings and Characteristics
Ratings at 25
0C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz. resistive or inductive
load. For capacitive load, derate current by 20%.
Symbols
R1200
R1500
R1800
R2000
Units
Maximum recurrent peak reverse voltage
VRRM
1200
1500
1800
2000
Volts
Maximum RMS voltage
VRMS
840
1050
1260
1400
Volts
Maximum DC blocking voltage
VDC
1200
1500
1800
2000
Volts
Maximum average forward rectified current
at TA = 55℃
IO
500
200
mAmps
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC method)
IFSM
30
Amps
Maximum instantaneous forward voltage at 0.5A/0.2A DC
VF
2
3
Volts
@TA = 25℃
5
Maximum DC reverse current
at rated DC blocking voltage
@TA = 100℃
100
µAmps
Maximum full load reverse current average, Full cycle
0.375” (9.5 mm) lead length at TL = 75℃
IR
30
µAmps
Typical junction capacitance (Note )
CJ
30
pF
Operating and storage temperature range
TJ ,TS
-55 to +150
Notes:
Measured at 1MHZ and applied reverse voltage of 4volts.


Similar Part No. - R2000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R2000

ManufacturerPart #DatasheetDescription
logo
Bytes
R1200 BYTES-R1200 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
CRVT EDI-CRVT Datasheet
43Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
TV10 EDI-TV10 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
MA15-120 ETC2-MA15-120 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
UNIOHM CORPORATION
R1200 UNIOHM-R1200 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
PR1800 SEMTECH_ELEC-PR1800 Datasheet
206Kb / 1P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
R1200 GWSEMI-R1200 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
R2500 GWSEMI-R2500 Datasheet
61Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com