Electronic Components Datasheet Search
  English  ▼

X  

SN65175D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65175D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65175D Datasheet(HTML) 2 Page - Texas Instruments

  SN65175D Datasheet HTML 1Page - Texas Instruments SN65175D Datasheet HTML 2Page - Texas Instruments SN65175D Datasheet HTML 3Page - Texas Instruments SN65175D Datasheet HTML 4Page - Texas Instruments SN65175D Datasheet HTML 5Page - Texas Instruments SN65175D Datasheet HTML 6Page - Texas Instruments SN65175D Datasheet HTML 7Page - Texas Instruments SN65175D Datasheet HTML 8Page - Texas Instruments SN65175D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN65175, SN75175
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS145B – OCTOBER 1990 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
4Y
3Y
2Y
1Y
4B
4A
3B
3A
3, 4EN
2B
2A
1B
1A
1, 2EN
13
11
5
3
15
14
9
10
12
7
6
1
2
4
EN
EN
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
2B
2A
1B
1A
1, 2EN
2Y
1Y
3
5
4B
4A
3B
3A
3, 4EN
13
11
3Y
4Y
15
14
9
10
12
7
6
1
2
4
schematics of inputs and outputs
TYPICAL OF ALL OUTPUTS
EQUIVALENT OF EACH ENABLE INPUT
EQUIVALENT OF EACH A OR B INPUT
Output
VCC
Input
VCC
VCC
Input
16.8 k
Ω
NOM
960
Ω
NOM
8.3 k
Ω
NOM
85
Ω
NOM
960
Ω
NOM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com