Electronic Components Datasheet Search
  English  ▼

X  

SN65ALS1176 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ALS1176
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ALS1176 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65ALS1176 Datasheet HTML 2Page - Texas Instruments SN65ALS1176 Datasheet HTML 3Page - Texas Instruments SN65ALS1176 Datasheet HTML 4Page - Texas Instruments SN65ALS1176 Datasheet HTML 5Page - Texas Instruments SN65ALS1176 Datasheet HTML 6Page - Texas Instruments SN65ALS1176 Datasheet HTML 7Page - Texas Instruments SN65ALS1176 Datasheet HTML 8Page - Texas Instruments SN65ALS1176 Datasheet HTML 9Page - Texas Instruments SN65ALS1176 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN65ALS1176
DIFFERENTIAL BUS TRANSCEIVER
SLLS295A – APRIL 1998 – REVISED DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VIT –
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.2‡
V
Vhys
Hysteresis voltage (VIT + – VIT –)
60
mV
VIK
Enable-input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VID = 200 mV,
IOH = – 400 µA,
27
V
VOH
High-level output voltage
ID
,
See Figure 6
OH
µ ,
2.7
V
VOL
Low level output voltage
VID = – 200 mV,
IOL = 8 mA,
045
V
VOL
Low-level output voltage
ID
,
See Figure 6
OL
,
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
VI
Line input current
Other input = 0 V,
VI = 12 V
1
mA
VI
Line input current
,
See Note 5
VI = – 7 V
– 0.8
mA
IIH
High-level-enable input current
VIH = 2.7 V
20
µA
IIL
Low-level-enable input current
VIL = 0.4 V
– 100
µA
rI
Input resistance
12
20
k
Ω
IOS
Short-circuit output current
VID = 200 mV,
VO = 0
–15
–85
mA
ICC
Supply current
No load
Outputs enabled
23
30
mA
ICC
Supply current
No load
Outputs disabled
19
26
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 5: This applies for both power on and power off. Refer to TIA/EIA-485-A for exact conditions.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tpd
Propagation time
VID = – 1.5 V to 1.5 V,
CL = 15 pF,
25
ns
tsk(p)
Pulse skew§
ID
,
See Figure 7
L
,
0
2
ns
tPZH
Output enable time to high level
11
18
ns
tPZL
Output enable time to low level
CL =15 pF
See Figure 8
11
18
ns
tPHZ
Output disable time from high level
CL = 15 pF,
See Figure 8
50
ns
tPLZ
Output disable time from low level
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.
§ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com