Electronic Components Datasheet Search
  English  ▼

X  

BAV20 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # BAV20
Description  SILICON EPITAXIAL PLANAR DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV20 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  BAV20 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAV20 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 20/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAV19, BAV20, BAV21
SOT-23 Pkg
100
0
300
200
400
100
Average temperature ( C)
50
150
DO-35 Pkg
200
IF=IR=30mA
Rloop=100 Ohms
0.003
Forward voltage vs. ambient temperature
500
20
1
30
40
50
0.001
400
200
600
800
Ta= -40 C
Reverse recovery current, mA
2.5
Power derating curve
1.5
2
3
0
100
200
300
400
Ta=80 C
1
Reverse recovery time vs.
reverse recovery current
Forward current, mA
0.01
0.03
0.3
0.1
Ta=25 C
0
3
10
500
1
0.8
0.9
1.1
Fo
rw
ard
cu
rre
nt
ste
ad
y s
tate
, m
A
Averag
e rectif
ied cur
rent, m
A
Ambient temperature ( C)
50
100
150
Average rectified current & forward current
vs. ambiebnt temperature
Reverse voltage, V
24
6
8
14
12
10
15
Ta=25 C
1.3
1.2
Capacitance vs. reverse voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com