Electronic Components Datasheet Search
  English  ▼

X  

SN65220DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65220DBVR
Description  USB PORT TRANSIENT SUPPRESSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65220DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN65220DBVR Datasheet HTML 1Page - Texas Instruments SN65220DBVR Datasheet HTML 2Page - Texas Instruments SN65220DBVR Datasheet HTML 3Page - Texas Instruments SN65220DBVR Datasheet HTML 4Page - Texas Instruments SN65220DBVR Datasheet HTML 5Page - Texas Instruments SN65220DBVR Datasheet HTML 6Page - Texas Instruments SN65220DBVR Datasheet HTML 7Page - Texas Instruments SN65220DBVR Datasheet HTML 8Page - Texas Instruments SN65220DBVR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN65220
SN65240
SN75240
SLLS266F − FEBRUARY 1997 − REVISED JULY 2004
www.ti.com
3
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DBV
385 mW
3.1 mW/
°C
246 mW
200 mW
P
1150 mW
9.2 mW/
°C
736 mW
598 mW
PW
520 mW
4.2 mW/
°C
331 mW
268 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
MIN
MAX
UNIT
Operating free-air temperature, TA
SN75240
0
70
°C
Operating free-air temperature, TA
SN65220, SN65240
−40
85
°C
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ilkg
Leakage current
VI = 6 V at A, B, C, or D terminals
1
µA
V(BR)
Breakdown voltage
VI = 1 mA at A, B, C, or D terminals
6.5
7
8
V
CIN
Input capacitance to ground
VI = 0.4 sin (4E6πt) + 0.5 V
35
pF
APPLICATION INFORMATION
GND
15 k
Ω
15 k
Ω
27
Ω
27
Ω
GND
SN75220 or
1/2 SNx5240
A
B
D+
D−
Full-Speed or
Low-Speed USB
Host-or-Hub Port
Transceiver
1.5 k
Ω
(Low Speed
Only)
27
Ω
27
Ω
SN75220 or
1/2 SNx5240
A
B
D+
D−
Full-Speed or
Low-Speed USB
Down Stream
Transceiver
1.5 k
Ω
(Full Speed Only)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com