Electronic Components Datasheet Search
  English  ▼

X  

BC369 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BC369
Description  PNP Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC369 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BC369 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC369 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 27/12/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BC369
10
20
70
50
100
200
VCE=1V
Tj=25 C
200
Collector Current (mA)
20
100
50
500
1000
DC Current Gain
160
80
120
0
40
4.0
5.0
3.0
2.0
1.0
Cibo
Reverse Voltage ( V )
Capacitance
Cobo
5
10
20
15
Cobo
25
Cibo
Tj=25 C
Collector Current (mA)
Current Gain - Bandwidth Product
50
30
10
20
200
70
100
300
500
100
50
200
VCE=10V
Tj=25 C
f=20MHz
1000
10
0
12
5
0.2
0.4
0.6
0.8
1.0
1000
100
Collector current (mA)
20
50
200 500
VBEon@VCE=1V
VCEsat @Ic/IB=10
VBEsat@Ic/IB=10
Tj=25 C
On Voltages
Ic=10mA
0.02
0
0.01
0.2
0.4
0.6
0.8
1.0
Base current (mA)
0.05
0.1 0.2
0.5
1
2
5
10
20
50
100
Collector Saturation Region
100mA
50mA
1000mA
500mA
Tj=25 C
250mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com