Electronic Components Datasheet Search
  English  ▼

X  

MIC5365 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5365
Description  High Performance Single 150mA LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5365 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5365 Datasheet HTML 1Page - Micrel Semiconductor MIC5365 Datasheet HTML 2Page - Micrel Semiconductor MIC5365 Datasheet HTML 3Page - Micrel Semiconductor MIC5365 Datasheet HTML 4Page - Micrel Semiconductor MIC5365 Datasheet HTML 5Page - Micrel Semiconductor MIC5365 Datasheet HTML 6Page - Micrel Semiconductor MIC5365 Datasheet HTML 7Page - Micrel Semiconductor MIC5365 Datasheet HTML 8Page - Micrel Semiconductor MIC5365 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC5365/6
March 2009
4
M9999-033109-B
Part Number
Marking
Code
Output
Voltage
Temperature Range
Package
Lead Finish
MIC5366-1.5YC5*
66F
1.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-1.8YC5*
66G
1.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.0YC5*
66H
2.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.5YC5*
66J
2.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.6YC5*
66K
2.6V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.7YC5*
66L
2.7V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.8YC5*
66M
2.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.85YC5*
66N
2.85V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-2.9YC5*
66O
2.9V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-3.0YC5*
66P
3.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-3.3YC5*
66S
3.3V
–40°C to +125°C
SC-70-5
Pb-Free
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
Under bar symbol ( _ ) may not be to scale.
3.
Thin MLF
® ▲ = Pin 1 identifier.
4.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
*
MIC5366 offers Auto-Discharge function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com