Electronic Components Datasheet Search
  English  ▼

X  

IMP1812 Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP1812
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1812 Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button IMP1812 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 10Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1881100
Application Information
Operation – Power Monitor
The DS1810 detects out-of-tolerance power supply conditions. It
resets a processor during power-up, power-down and issues a
reset to the system processor when the monitored power supply
voltage is below the reset threshold. When an out-of-tolerance VCC
voltage is detected, the RESET signal is asserted. On power-up,
RESET is kept active (LOW) for approximately 150ms after the
power supply voltage has reached the selected tolerance. This
allows the power supply and microprocessor to stabilize before
RESET is released.
Output Conditions
The IMP1810 active LOW reset signal is valid as long as VCC
remains above 1.2V. The RESET output on the IMP1810 uses a
push-pull drive stage that can maintain a valid output below 1.2V.
To sink current with VCC below 1.2V, a resistor can be connected
from the reset pin (RESET) to Ground (see Figure 1). This config-
uration will give a valid value on the RESET output with VCC
approaching 0V. During both power up and down, this configu-
ration will draw current when RESET is in the high state. A value
of 100k
Ω should be adequate to maintain a valid condition.
IMP1810
Microprocessor
RESET
100k
RESET
1810_06.eps
Figure 1. RESET Valid to 0V VCC
Figure 2. Timing Diagram: Power-Up
Figure 3. Timing Diagram: Power-Down
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tR
tRPU
VOH
1810_07.eps
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tF
VOL
tRPD
1810_08.eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com