Electronic Components Datasheet Search
  English  ▼

X  

IMP1816 Datasheet(PDF) 35 Page - A1 PROs co., Ltd.

Part # IMP1816
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1816 Datasheet(HTML) 35 Page - A1 PROs co., Ltd.

Back Button IMP1816 Datasheet HTML 28Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 29Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 30Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 31Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 32Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 33Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 34Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 35Page - A1 PROs co., Ltd. IMP1816 Datasheet HTML 36Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
Package Dimensions
Plastic SOT-23 (3-Pin)
E
A
C
L
e1
A1
H
e
D
S
B
a
SOT-23 (3-Pin).eps
TO-92 (3-Pin)
TO-92.eps
I
Bottom View
1
H
2
3
B
C
G
M
L
D
F
D
Section
A-A
Section
A-A
E
J
A
K
P
Pac
ac kkag
age Inf
e Infor
or mation
mation
s
e
h
c
n
I
s
r
e
t
e
m
il
li
M
n
i
M
x
a
M
n
i
M
x
a
M
)
n
i
P
-
3
(
3
2
-
T
O
S
c
it
s
a
l
P
A
1
3
0
.
0
0
5
0
.
0
0
8
.
0
7
2
.
1
1
A
4
0
0
.
0
0
1
0
.
0
0
1
.
0
5
2
.
0
B
5
1
0
.
0
0
2
0
.
0
7
3
.
0
1
5
.
0
C
3
0
0
.
0
7
0
0
.
0
5
8
0
.
0
8
1
.
0
D
0
1
1
.
0
0
2
1
.
0
0
8
.
2
4
0
.
3
E
7
4
0
.
0
5
5
0
.
0
0
2
.
1
0
4
.
1
e
5
3
0
.
0
0
4
0
.
0
9
8
.
0
3
0
.
1
1
e
0
7
0
.
0
0
8
0
.
0
8
7
.
1
5
0
.
2
H
3
8
0
.
0
9
3
0
1
.
0
0
1
.
2
4
6
.
2
L
F
E
R
7
2
0
.
0
F
E
R
9
6
0
.
0
S
8
1
0
.
0
4
2
0
.
0
5
4
.
0
0
6
.
0
)
n
i
P
-
4
(
*
*
3
2
2
-
T
O
S
c
it
s
a
l
P
A
7
6
0
.
0
0
6
0
.
0
0
7
.
1
0
5
.
1
1
A
4
0
0
.
0
8
0
0
0
.
0
0
1
.
0
2
0
.
0
B
4
2
1
.
0
6
1
1
.
0
5
1
.
3
5
9
.
2
1
B
3
3
0
.
0
6
2
0
.
0
5
8
.
0
5
6
.
0
C
4
1
0
.
0
0
1
0
.
0
5
3
.
0
5
2
.
0
D
4
6
2
.
0
8
4
2
.
0
0
7
.
6
0
3
.
6
e
M
O
N
5
0
9
0
.
0
M
O
N
0
3
.
2
1
e
M
O
N
1
8
1
.
0
M
O
N
0
5
.
4
E
6
4
1
.
0
0
3
1
.
0
0
7
.
3
0
3
.
3
h
7
8
2
.
0
4
6
2
.
0
0
3
.
7
0
7
.
6
S
1
4
0
.
0
3
3
0
.
0
5
0
.
1
5
8
.
0
t
1
5
0
.
0
3
4
0
.
0
0
3
.
1
0
1
.
1
Q
X
A
M
°
0
1
X
A
M
°
0
1
1
Q
°
6
1
°
0
1
°
6
1
°
0
1
2
Q
°
6
1
°
0
1
°
6
1
°
0
1
)
n
i
P
-
8
(
8
-
O
S
c
it
s
a
l
P
A
3
5
0
.
0
9
6
0
.
0
5
3
.
1
5
7
.
1
1
A
4
0
0
.
0
0
1
0
.
0
0
1
.
0
5
2
.
0
B
3
1
0
.
0
0
2
0
.
0
3
3
.
0
1
5
.
0
C
7
0
0
.
0
0
1
0
.
0
9
1
.
0
5
2
.
0
e
0
5
0
.
0
7
2
.
1
E
0
5
1
.
0
7
5
1
.
0
0
8
.
3
0
0
.
4
H
8
2
2
.
0
4
4
2
.
0
0
8
.
5
0
2
.
6
L
6
1
0
.
0
0
5
0
.
0
0
4
.
0
7
2
.
1
D
9
8
1
.
0
7
9
1
.
0
0
8
.
4
0
0
.
2
)
n
i
P
-
3
(
*
2
9
-
O
T
A
5
7
1
.
0
5
9
1
.
0
5
4
.
4
5
9
.
4
B
0
7
1
.
0
2
9
1
.
0
2
3
.
4
6
9
.
4
C
0
0
5
.
0
0
1
6
.
0
0
7
.
2
1
9
4
.
5
1
D
6
1
0
.
0
2
2
0
.
0
6
0
4
.
0
9
5
5
.
0
E
5
9
0
.
0
5
0
1
.
0
1
4
.
2
7
6
.
2
F
5
4
0
.
0
0
6
.
0
4
1
.
1
2
5
.
1
G
5
4
.
0
0
6
0
.
0
4
1
.
1
2
5
.
1
H
5
8
0
.
0
5
9
0
.
0
6
1
.
2
1
4
.
2
I
0
3
1
.
0
5
5
1
.
0
0
3
.
3
4
9
.
3
J
4
1
0
.
0
0
2
0
.
0
5
3
.
0
1
5
.
0
K
3
9
0
.
0
5
1
1
.
0
6
3
.
2
2
9
.
2
L
°
5
4
°
0
6
°
5
4
°
0
6
M
l
a
c
i
p
y
T
8
1
1
.
0
0
0
.
3
*
.
s
d
a
e
l
t
h
g
i
a
r
t
s
r
o
f
r
e
b
m
u
N
t
r
a
P
o
t
S
/
d
d
A
.
d
r
a
d
n
a
t
s
e
r
a
s
d
a
e
l
d
e
m
r
o
F
.
l
e
e
R
d
n
a
e
p
a
T
r
o
f
r
e
b
m
u
N
t
r
a
P
o
t
T
/
d
d
A
*
*
s
p
e
.
1
0
t
_
x
x
8
1
Plastic SO-8 (8-Pin)
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
Plastic SOT-223 (4-Pin)
E
A
e1
A1
C
H
e
D
S
B1
B
Q2
Q1
Q
SOT-223 (4-Pin).eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com