Electronic Components Datasheet Search
  English  ▼

X  

IMP1233M Datasheet(PDF) 34 Page - A1 PROs co., Ltd.

Part # IMP1233M
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1233M Datasheet(HTML) 34 Page - A1 PROs co., Ltd.

Back Button IMP1233M Datasheet HTML 28Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 29Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 30Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 31Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 32Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 33Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 34Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 35Page - A1 PROs co., Ltd. IMP1233M Datasheet HTML 36Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1233M
233M
Application Information
Operation – Power Monitor
The IMP1233M detects out-of-tolerance power supply conditions.
It resets a processor during power-up and issues a reset to the
system processor when the monitored power supply voltage
is below the reset threshold (power-down). When an out-of-
tolerance VCC voltage is detected, the RESET signal is asserted. On
power-up, RESET is kept active (LOW) for approximately 350ms
after the power supply voltage has reached the selected tolerance.
This allows the power supply and microprocessor to stabilize
before RESET is released.
Figure 1. Timing Diagram: Power-Up
Figure 2. Timing Diagram: Power-Down
VHTL
VCCTP
VLTL
VCC
RESET
tR
tRPU
VOH
1233M_05.eps
VHTL
VCCTP
VLTL
VCC
RESET
tF
VOL
tRPD
1233M_06.eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com