Electronic Components Datasheet Search
  English  ▼

X  

IMP1834D Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP1834D
Description  Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1834D Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP1834D Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1834D Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
x
Lower power, pin-compatible replacements for
the Dallas DS1834
— 40% lower maximum supply current:
30µA vs 50µA
x
Monitor 5V and 3.3V supplies simultaneously
x
5V and 3.3V power-on reset
x
350ms reset time
x
Debounced pushbutton reset input
x
Push-Pull CMOS output
— IMP1834, IMP1834D
— Eliminates external pull-up resistors
— Active LOW (IMP1834), HIGH (IMP1834D)
x
Open drain output
— IMP1834A
— Active LOW
x
Selectable 5V and 3.3V trip point tolerance
x
Internal power drawn from highest input
voltage, 5V or 3.3V
x
Precision temperature-compensated voltage
reference and comparator
x
Low-cost surface mount SO, compact
MicroSO and DIP packages
x
Wide operating temperature, –40
°C to +85°C
Block Diagram
3.3VIN
8
1834_01.eps
40k
Ω
5VIN
5VTOL
5V Tolerance
Bias
IMP1834
PBRST
1
3
–
+
Low TC
Reference
3.3VTOL
5
6
GND
4
5VRESET
5VRESET (IMP1834D)
For IMP1834D
350 ms
Delay
For IMP1834D
3.3V Tolerance
Bias
2
–
+
3.3VRESET
3.3VRESET (IMP1834D)
350 ms
Delay
7
Pushbutton Level
Sense and Debounce
IMP1
IMP183
83 4/A/D
4/A/D
POWER MANAGEMENT
Dual 5V and 3.3V
Dual 5V and 3.3V µ
µP P
P Po
ow
wer
er
Suppl
Supply Super
y Supervisor
visors w/Manual R
s w/Manual Reset
eset
– Push-Pull and Open-Dr
– Push-Pull and Open-Drain Outputs
ain Outputs
– Select
– Select able T
able Trrip P
ip Point T
oint Toler
olerance
ance
The IMP1834 supervisors simultaneously monitor both 3.3V and 5V
power sources and issue reset signals when either supply is out of toler-
ance. When an out-of-tolerance condition is detected, the output-reset
signal of the affected supply becomes active and resets the system micro-
processor/microcontroller. On power-up and after the supply voltage
returns to an in-tolerance condition, the reset signal remains active for
approximately 350ms. This allows the power supply and system micro-
processor to stabilize.
The IMP1834 supervisors are pin-compatible with devices from Dallas
Semiconductor and require up to 40% less current.
Tolerance levels are independently selectable for both supplies.
Tolerance options are 5- and 10-percent for the 5V supply and for the
3.3V supply, 10- and 20-percent.
The IMP1834 and IMP1834D have push-pull reset output stages. The
IMP1834A active LOW reset outputs are open drain devices that can
both be connected to either 5 volt or 3.3 volt supply. The IMP1834 and
IMP1834A have active LOW reset outputs. The IMP1834D has active
HIGH reset outputs.
All devices can issue reset signals through an internally debounced
pushbutton reset input that affects both reset outputs.
All devices operate over the extended industrial temperature range.
Devices are available in 8-pin DIP, surface mount 8-pin SO and 8-pin
MicroSO packages. Die are also available.
1834_02.eps
5VRESET
2
3.3VRESET
7
IMP1834A


Similar Part No. - IMP1834D

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
More results

Similar Description - IMP1834D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
5V/3V PC Card Power Switch
logo
List of Unclassifed Man...
KB6 ETC1-KB6 Datasheet
249Kb / 2P
6 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10 ETC1-KB10 Datasheet
253Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
logo
A1 PROs co., Ltd.
IMP1810 A1PROS-IMP1810 Datasheet
1Mb / 36P
Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP811 A1PROS-IMP811 Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
IMP1832 A1PROS-IMP1832 Datasheet
115Kb / 7P
3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
logo
Volgen Kaga Electronics...
KB06-05S VOLGEN-KB06-05S Datasheet
254Kb / 2P
6 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10-05S VOLGEN-KB10-05S Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com