Electronic Components Datasheet Search
  English  ▼

X  

IMP1834AD Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP1834AD
Description  Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1834AD Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP1834AD Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 7Page - A1 PROs co., Ltd. IMP1834AD Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IMP1
IMP183
83 4/A/D
4/A/D
Application Information
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
Manual Reset Operation
Pushbutton switch input, PBRST, allows the user to override the
internal trip point detection circuits and issue reset signals. The
pushbutton input is debounced and is pulled HIGH through a
40k
Ω, internal pull-up resistor.
When at least one of the reset outputs is not asserted, a pushbut-
ton initiated reset signal can be issued by holding PBRST LOW for
at least 2ms. When PBRST is held LOW, both resets become active
and remain active for approximately 350ms after PBRST returns
HIGH. See Figure 3 and Figure 4.
t
c
e
l
e
S
e
c
n
a
r
e
l
o
T
t
u
p
n
I
V
3
.
3
t
u
p
n
I
V
5
V
3
.
3
e
c
n
a
r
e
l
o
T
)
V
(
t
n
i
o
P
P
I
R
T
V
5
e
c
n
a
r
e
l
o
T
)
V
(
t
n
i
o
P
P
I
R
T
N
I
M
l
a
n
i
m
o
N
X
A
M
N
I
M
l
a
n
i
m
o
N
X
A
M
V
5
=
L
O
T
V
5
N
I
—
—
—
—
%
0
1
5
2
.
4
8
3
.
4
9
4
.
4
D
N
G
=
L
O
T
V
5
—
—
—
—
%
5
5
.
4
3
6
.
4
5
7
.
4
V
3
.
3
=
L
O
T
V
3
.
3
N
I
%
0
2
7
4
.
2
5
5
.
2
4
6
.
2
—
—
—
—
D
N
G
=
L
O
T
V
3
.
3
%
0
1
0
8
.
2
8
8
.
2
7
9
.
2
—
—
—
—
s
p
e
.
t
3
0
_
4
3
8
1
Table 1. Threshold Selection
Figure 3. Pushbutton Reset
1834_04.eps
5VIN
3.3V
1
3.3VIN
5VRESET
2
3.3VRESET
5VTOL
IMP1834
3
4
3.3VTOL
GND
8
7
6
5
PBRST
5V
Figure 4. Timing Diagram: Pushbutton Reset
VIL
VOH
VOL
RESET
RESET
PBRST
tPDLY
tPB
tRST
1834_05.eps
VIH
(IMP1834D)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com