Electronic Components Datasheet Search
  English  ▼

X  

75LBC176 Datasheet(PDF) 3 Page - Texas Instruments

Part # 75LBC176
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75LBC176 Datasheet(HTML) 3 Page - Texas Instruments

  75LBC176 Datasheet HTML 1Page - Texas Instruments 75LBC176 Datasheet HTML 2Page - Texas Instruments 75LBC176 Datasheet HTML 3Page - Texas Instruments 75LBC176 Datasheet HTML 4Page - Texas Instruments 75LBC176 Datasheet HTML 5Page - Texas Instruments 75LBC176 Datasheet HTML 6Page - Texas Instruments 75LBC176 Datasheet HTML 7Page - Texas Instruments 75LBC176 Datasheet HTML 8Page - Texas Instruments 75LBC176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
Input
VCC
EQUIVALENT OF D, RE, and
DE INPUTS
TYPICAL OF RECEIVER OUTPUT
Output
VCC
VCC
100 k
Ω NOM
A Port Only
18 k
Ω
NOM
3 k
Ω
NOM
A or B
100 k
Ω NOM
B Port Only
1.1 k
Ω
NOM
TYPICAL OF A AND B I/O PORTS
absolute maximum ratings†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal
−10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (D, DE, R, or RE)
−0.3 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output current, IO
$10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltage, are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
THERMAL
MODEL
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 110°C
POWER RATING
D
Low K†
526 mW
5.0 mW/
°C
301 mW
226 mW
—
D
High K‡
882 mW
8.4 mW/
°C
504 mW
378 mW
—
P
840 mW
8.0 mW/
°C
480 mW
360 mW
—
JG
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
440 mW
† In accordance with the low effective thermal conductivity metric definitions of EIA/JESD 51−3.
‡ In accordance with the high effective thermal conductivity metric definitions of EIA/JESD 51−7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com