Electronic Components Datasheet Search
  English  ▼

X  

IMP5115CDT Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP5115CDT
Description  9--Liine SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5115CDT Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP5115CDT Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2000 IMP, Inc.
Data Communications
3
Recommended Operating Conditions2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
r
w
P
m
r
e
TV
M
R
E
T
0
.
45
.
5V
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
n
E
l
e
v
e
L
h
g
i
HV H
I
2V
M
R
E
T
V
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
s
i
D
l
e
v
e
L
w
o
LV L
I
08
.
0V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
05
2
1C
°
.
l
a
n
o
i
t
c
n
u
f
s
i
e
c
i
v
e
d
e
h
t
h
c
i
h
w
r
e
v
o
e
g
n
a
r
e
h
t
e
t
a
c
i
d
n
i
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
R
.
2
:
e
t
o
N
s
p
e
.
2
0
t
_
5
1
1
5
Electrical Characteristics
Unless otherwise specified, these specifications apply at an ambient operating temperature of TA = 25°C. TermPwr = 4.75V. Low duty cycle
pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
T
U
O
5
6
.
25
8
.
2V
t
n
e
r
r
u
C
y
l
p
p
u
S
r
w
P
m
r
e
TI C
C
n
e
p
O
=
s
e
n
il
a
t
a
d
ll
A6
9
A
m
V
5
.
0
=
s
e
n
il
a
t
a
d
ll
A5
1
25
2
2
V
8
.
0
<
n
i
P
e
l
b
a
s
i
D5
7
3
µA
t
n
e
r
r
u
C
t
u
p
t
u
OI
T
U
O
V
T
U
O
V
5
.
0
=1
2
–
3
2
–
4
2
–
A
m
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
s
i
DI N
I
V
5
7
.
4
=
n
i
P
e
l
b
a
s
i
D0
1A
n
V
0
=
n
i
P
e
l
b
a
s
i
D0
9
–
µA
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OI L
O
V
,
V
8
.
0
<
n
i
P
e
l
b
a
s
i
D
O
V
5
.
0
=0
1A
n
e
d
o
M
e
l
b
a
s
i
D
n
i
e
c
n
a
t
i
c
a
p
a
CC
T
U
O
V
T
U
O
z
H
M
1
=
y
c
n
e
u
q
e
r
F
,
V
0
=3
F
p
h
t
d
i
w
d
n
a
B
l
e
n
n
a
h
CW
B5
3z
H
M
l
e
n
n
a
h
C
r
e
p
,
t
n
e
r
r
u
C
k
n
i
S
n
o
i
t
a
n
i
m
r
e
TI
K
N
I
S
V
T
U
O
V
4
=0
6A
m
s
p
e
.
3
0
t
_
5
1
1
5
1
IMP5
IMP5111155



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com