Electronic Components Datasheet Search
  English  ▼

X  

EPA160A Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA160A
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA160A Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA160A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA160A Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA160A/EPA160AV
DATA SHEET
High Efficiency Heterojunction Power FET
EPA160A
S-PARAMETERS
EPA160A
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.915 -119.9 14.906 114.4
0.027
31.0
0.302 -128.9
21.0
0.932
155.6
0.642
-5.2
0.035
25.7
0.744 -175.4
2.0
0.907 -149.2 8.322
96.0
0.029
19.1
0.331 -146.1
22.0
0.932
150.8
0.601
-8.9
0.035
26.0
0.747 -174.5
4.0
0.907 -168.1 4.370
77.6
0.031
14.5
0.362 -151.0
24.0
0.932
143.6
0.526
-16.4
0.040
27.1
0.778 -175.2
6.0
0.908 -180.0 2.898
63.8
0.030
14.2
0.411 -150.0
26.0
0.928
139.3
0.460
-23.2
0.043
28.0
0.783 -179.1
8.0
0.912
174.7
2.172
52.5
0.030
16.0
0.448 -152.1
28.0
0.917
135.6
0.403
-31.9
0.049
25.7
0.820
170.8
10.0
0.918
170.0
1.693
41.7
0.028
17.0
0.498 -155.7
30.0
0.917
133.4
0.350
-39.1
0.051
20.1
0.834
164.0
12.0
0.923
165.9
1.349
31.4
0.028
21.7
0.549 -160.3
32.0
0.912
128.2
0.294
-46.1
0.048
19.9
0.865
162.3
14.0
0.931
162.9
1.084
22.4
0.028
23.4
0.601 -162.8
34.0
0.915
123.6
0.255
-50.3
0.048
23.0
0.876
163.9
16.0
0.936
160.3
0.896
13.7
0.028
25.0
0.658 -166.7
36.0
0.942
126.8
0.223
-52.3
0.048
22.2
0.869
162.9
18.0
0.941
159.3
0.761
5.9
0.029
25.3
0.697 -170.4
38.0
0.957
129.8
0.212
-53.8
0.055
17.0
0.872
158.9
20.0
0.936
158.5
0.675
-2.0
0.031
25.6
0.725 -175.6
40.0
0.952
138.3
0.205
-60.1
0.055
4.9
0.843
147.4
EPA160AV
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.922 -115.7 13.969 116.1
0.027
30.9
0.271 -114.5
21.0
0.957
163.3
0.582
-11.9
0.023
5.0
0.766 -179.4
2.0
0.914 -146.8 7.872
96.1
0.031
17.2
0.299 -134.2
22.0
0.956
162.5
0.536
-15.4
0.024
4.2
0.786
179.1
4.0
0.917 -165.9 4.057
76.9
0.030
7.9
0.341 -140.5
24.0
0.954
159.0
0.452
-22.5
0.024
8.6
0.821
176.3
6.0
0.923 -176.7 2.690
63.0
0.029
4.3
0.393 -140.1
26.0
0.953
158.6
0.384
-30.1
0.026
10.9
0.844
169.1
8.0
0.929 -177.6 2.027
51.5
0.027
4.6
0.430 -148.0
28.0
0.932
153.0
0.335
-37.8
0.026
11.9
0.880
165.4
10.0
0.930 -178.2 1.596
40.1
0.025
4.2
0.485 -157.8
30.0
0.918
146.4
0.295
-46.5
0.028
9.1
0.899
161.7
12.0
0.936
175.2
1.273
28.3
0.023
1.8
0.556 -161.5
32.0
0.877
145.0
0.262
-56.0
0.027
-0.3
0.949
153.2
14.0
0.941
171.3
1.025
17.7
0.021
1.5
0.626 -167.2
34.0
0.934
144.2
0.229
-63.9
0.024
-3.7
0.896
146.3
16.0
0.950
167.4
0.833
8.1
0.021
2.2
0.688 -170.1
36.0
0.968
144.4
0.214
-69.5
0.025
-6.0
0.916
141.6
18.0
0.953
168.3
0.695
0.3
0.022
3.2
0.732 -176.3
38.0
0.985
146.4
0.201
-74.3
0.028
-22.8
0.952
137.4
20.0
0.955
165.1
0.597
-7.2
0.022
3.0
0.768 -177.8
40.0
0.986
146.4
0.189
-77.5
0.035
-40.3
0.952
137.2
Note: The data included 0.7 mils diameter Au bonding wires; 3 gate wires, 15 mils each; 3 drain wires, 20 mils each;
10 source wires, 7 mils each; no source wires for EPA160AV.
P-1dB & PAE vs. Vds
24
26
28
30
32
34
36
38
40
4
5
6
7
8
Drain-Source Voltage (V)
10
15
20
25
30
35
40
45
50
f = 12 GHz
Ids = 50% Idss
Pout & PAE vs. Pin
0
10
20
30
40
50
-5
0
5
10
15
20
25
Pin (dBm)
f = 12 GHz
Vds = 8V, Ids = 50% Idss
PAE
Pout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com