Electronic Components Datasheet Search
  English  ▼

X  

IMP690ACPA Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP690ACPA
Description  μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP690ACPA Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP690ACPA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Key Features
Applications
x
Embedded control systems
x
Battery–operated systems
x
Intelligent instruments
x
Wireless communication systems
x
PDAs and handheld equipment
x
µP/µC power supply monitoring
x
Design improvement over Maxim
MAX690A/692A/802L/802M/805L
— 70% lower current than Maxim:
100
µA maximum
— RESET Operation to 1.1V
x
Two precision supply-voltage monitor options
— 4.65V (IMP690A/802L/805L)
— 4.40V (IMP692A/802M)
x
Battery-backup power switch on-chip
x
Watchdog timer: 1.6 second timeout
x
Power failure/low battery detection
x
Short-circuit protection and thermal limiting
x
Small 8-pin SO package
x
No external components
x
Specified over full temperature range
Block Diagrams
+
–
GND
Unregulated DC
Regulated +5V
VOUT
VCC
WDI
3.6V
Lithium
Battery
0.1
µF
PFO
VBATT
PFI
R1
R2
RESET
RESET
VCC
GND
GND
VCC
CMOS
RAM
NMI
I/O LINE
690A_01.eps
IMP690A
IMP690A
IMP690A, 692A
, 692A, 802L/M, 805L
, 802L/M, 805L
POWER MANAGEMENT
µ
µP P
P Poow
wer Suppl
er Supply Super
y Supervisor
visor
wit
with Batt
h Batter
ery Bac
y Backup Switc
kup Switchh
The IMP690A/IMP692A/IMP802L/IMP802M/IMP805L simplify power
supply monitoring and control in microprocessor systems. Each circuit
implements four functions: Reset control, watchdog monitoring, battery-
backup switching and power-failure monitoring. In addition to
microprocessor reset under powerup and power-down conditions, these
devices provide battery-backup switching to maintain control in power-
loss and brown-out situations. Additional monitoring capabilities
can provide an early warning of unregulated power-supply loss before
the voltage regulator drops out. The important features of these four
functions are:
a)
1.6 second watchdog timer to keep microprocessor responsive
b)
4.40V or 4.65V VCC threshold for microprocessor reset at power-up
and power-down
c)
SPDT (single-pole, double-throw) PMOS switch connects backup
power to RAM if VCC fails
d) 1.25V threshold detector for power loss or general purpose voltage
monitoring
While these features are pin–compatible with the industry standard
power–supply supervisors offered by Maxim, the IMP devices are supe-
rior replacements and can reduce power requirements by 70 percent
when compared to Maxim MAX690/MAX692A/MAX802L/MAX802M/
MAX805L devices. Short-circuit and thermal protection have also
been added.
The IMP690A/IMP802L/IMP805L generate a reset pulse when the
supply voltage drops below 4.65V, and the IMP692A/IMP802M
generate a reset below 4.40V. The IMP802L/IMP802M have power–fail
accuracy to ±2%. The IMP805L is the same as the IMP690A except that
RESET is provided instead of

RESET.
IMP, Inc.
San Jose, CA
408-432-9100/www.impweb.com
+
+
+
VCC
VOUT
1
7
5
3
PFI
WDI
GND
VBATT
8
2
6
4
PFO
IMP690A, IMP692A, IMP802L, IMP802M,
IMP805L
RESET
(RESET)
( ) IMP805L
Battery-Switchover
Circuit
Reset
Generator
Watchdog
Timer
3.5V
1.25V
1.25V
0.8V
690A_03.eps
Typical Application


Similar Part No. - IMP690ACPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690ACPA IMP-IMP690ACPA Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results

Similar Description - IMP690ACPA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
A1 PROs co., Ltd.
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP2524 A1PROS-IMP2524 Datasheet
381Kb / 32P
Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
μP Supervisor Circuits
August 2020 Rev 1-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com