Electronic Components Datasheet Search
  English  ▼

X  

AI1002 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI1002
Description  Vertical Clock Driver for Camera System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI1002 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI1002 Datasheet HTML 1Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 2Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 3Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 4Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 5Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 6Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 7Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 8Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS ( Ta = 25°C )
°C
− 45 ~ + 120
TSTG
Storage Temperature
− 25 ~ + 85
TOPR
Operating Temperature
mA
± 5
IOUT
OP-Amp Output Current
VSS − 0.3 ~ VP1 + 0.3
VΦ1, VΦ2, VΦ3, VΦ4, VSUB
Output Voltage
− 0.3 ~ VSS + 35
VCP
− 0.3 ~ VP1 + 0.3
VI
Input Voltage
VSS − 0.3 ~ 3.0
VP0
−0.3 ~ VSS + 35
VP1
V
0 ~ −10
VSS
Supply Voltage
Unit
Value
Symbol
Characteristics
LOGIC FUNCTION TABLE
VSS
X
X
H
X
X
X
VP1
X
X
L
X
X
X
X
VSS
X
X
H
X
X
X
VP0
X
X
L
X
X
X
X
VSS
X
X
H
H
X
X
VP0
X
X
H
L
X
X
Z
X
X
L
H
X
X
VP1
X
X
L
L
VSUB
VΦ2,4
VΦ1,3
XSUB
XV2,4
XSG1,2
XV1,3
OUTPUT
INPUT
A
i1002
3
X : Don’t care
Z : High impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com