Electronic Components Datasheet Search
  English  ▼

X  

IMP2524 Datasheet(PDF) 16 Page - A1 PROs co., Ltd.

Part # IMP2524
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524 Datasheet(HTML) 16 Page - A1 PROs co., Ltd.

Back Button IMP2524 Datasheet HTML 12Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 13Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 14Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 15Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 16Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 17Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 20Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
IMP2525A
IMP2525A
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Pin Descriptions
Ordering Information
4
NC
3
GND
2
FLG
1
EN
5NC
6
OUT
7IN
8
OUT
2525A_02.eps
IMP2525A
SO/DIP
2525A_03.eps
OUT
8
6
IN
GND
7
3
FLG
2
EN
1
Logic,
Charge
Pump
Part Number
Enable Logic
Temperature Range
Pins-Package
IMP2525A-1BM
Active HIGH
– 40
°C to +85°C
8-SO
IMP2525A-2BM
Active LOW
– 40
°C to +85°C
8-SO
IMP2525A-1BN
Active HIGH
– 40
°C to +85°C
8-DIP
IMP2525A-2BN
Active LOW
– 40
°C to +85°C
8-DIP
Pin Number
Name
Function
1
EN
Enable input. This pin is the MOSFET switch driver logic input. Both active-HIGH
(-1 suffix) and active-LOW (-2 suffix) logic devices are available.
2
FLG
Fault flag output. This open-drain output goes into an active-LOW state in response to
undervoltage, current limit or thermal shutdown conditions.
3
GND
Ground. Power supply return for the internal circuitry of the IC.
4, 5
NC
No connection. These pins have no internal connections to the device.
6
OUT
MOSFET source. The output pin supplies power to the load.
7
IN
Positive power supply voltage input. This is the switching MOSFET drain connection
as well as the positive supply for the IC.
8
OUT
MOSFET source. The output pin supplies power to the load.
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com