Electronic Components Datasheet Search
  English  ▼

X  

EPB018A5 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPB018A5
Description  Super Low Noise High Gain Heterojunction FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPB018A5 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPB018A5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPB018A5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPB018A5 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Excelics
EPB018A5/A7/A9
DATA SHEET
Super Low Noise High Gain Heterojunction FET
•
VERY HIGH fmax: 120GHz
•
TYPICAL 0.50~0.90dB NOISE FIGURE AND 12.0~13.0dB
ASSOCIATED GAIN AT 12GHz
•
0.3 X 180 MICRON RECESSED “ MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION PROFILE
PROVIDES SUPER LOW NOISE, HIGH GAIN AND HIGH
RELIABILITY
•
Idss SORTED IN 5 mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
EPB018A5
0.50
0.60
EPB018A7
0.65
0.80
NF
Noise Figure, f=12GHz
Vds=2V, Ids=15mA
EPB018A9
0.95
1.20
dB
EPB018A5
12.0
13.0
EPB018A7
11.5
12.5
Ga
Associated Gain, f=12GHz
Vds=2V, Ids=15mA
EPB018A9
11.0
12.0
dB
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=3V, Ids=25mA
f=18GHz
15.0
15.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=3V, Ids=25mA
f=18GHz
15.0
13.0
dB
Idss
Saturated Drain Current
Vds=2V, Vgs=0V
15
45
80
mA
Gm
Transconductance
Vds=2V, Vgs=0V
50
90
mS
Vp
Pinch-off Voltage
Vds=2V, Ids=1.0mA
-0.8
-2.5
V
BVgd
Drain Breakdown Voltage Igd=10uA
-3
-6
V
BVgs
Source Breakdown Voltage Igs=10uA
-3
-6
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
185
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
5V
4V
Vgs
Gate-Source Voltage
-3V
-2V
Ids
Drain Current
Idss
Idss
Igsf
Forward Gate Current
2mA
0.3mA
Pin
Input Power
12dBm
@1dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
740mW
625mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
'
6
6
*






  


Similar Part No. - EPB018A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPB018A5-70 ETC-EPB018A5-70 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
More results

Similar Description - EPB018A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPB018A5 ETC-EPB018A5 Datasheet
69Kb / 2P
Super Low Noise High Gain Heterojunction FET
EPB025A ETC-EPB025A Datasheet
25Kb / 2P
Low Noise High Gain Heterojunction FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
Excelics Semiconductor,...
EPB018B5 EXCELICS-EPB018B5 Datasheet
99Kb / 3P
Super Low Noise High Gain Heterojunction FET
EPB025A EXCELICS-EPB025A Datasheet
26Kb / 2P
Low Noise High Gain Heterojunction FET
EPB025A-70 EXCELICS-EPB025A-70 Datasheet
23Kb / 2P
Low Noise High Gain Heterojunction FET
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com