Electronic Components Datasheet Search
  English  ▼

X  

aIVR2104 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # aIVR2104
Description  tandard CMOS process
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

aIVR2104 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  aIVR2104 Datasheet HTML 1Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 2Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 3Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 4Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 5Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 6Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 7Page - Aplus Intergrated Circuits aIVR2104 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Integrated Circuits Inc.
aIVR Series
Nov 06, 2008
2
FEATURES
l
Standard CMOS process.
l
Embedded EPROM.
l
Embedded 8-bit MCU.
l
10, 21, 42 and 85sec voice duration at 6 KHz sampling with 4-bit ADPCM compression.
l
Combination of voice building blocks to extend playback duration.
l
Table entries are available for voice block combinations.
l
User selectable PCM or ADPCM data compress.
l
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
l
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
l
Built-in oscillator with fixed Rosc, software control sampling frequency
l
2.2V – 3.6V single power supply and < 5uA low stand-by current.
l
PWM Vout1 and Vout2 drive speaker directly.
l
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
DESCRIPTION
Aplus’ aIVR is a 8-bit CPU based Voice chip series. It is fabricated with Standard CMOS process
with embedded voice storage memory. It can store from 10 to 341 sec voice message with 4-bit
ADPCM compression at 6KHz sampling rate. 8-bit PCM is also available as user selectable option to
improve sound quality. Depending on IC body, there are up to twelve programmable I/O pins. Key
trigger and Parallel CPU trigger mode can be configured according to different application requirement.
User selectable triggering and output signal options provide maximum flexibility to various applications.
Built-in resistor controlled oscillator, 8-bit current mode D/A output and PWM direct speaker driving
output minimize the number of external components.
Part Number
Duration
Programmable IO
aIVR1004
10 sec
4
aIVR2104
21 sec
4
aIVR4208
42 sec
8
aIVR8508
85 sec
8
aIVR34112
341 sec
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com