Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT7807 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT7807
Description  2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7807 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT7807 Datasheet HTML 7Page - Texas Instruments SN74ACT7807 Datasheet HTML 8Page - Texas Instruments SN74ACT7807 Datasheet HTML 9Page - Texas Instruments SN74ACT7807 Datasheet HTML 10Page - Texas Instruments SN74ACT7807 Datasheet HTML 11Page - Texas Instruments SN74ACT7807 Datasheet HTML 12Page - Texas Instruments SN74ACT7807 Datasheet HTML 13Page - Texas Instruments SN74ACT7807 Datasheet HTML 14Page - Texas Instruments SN74ACT7807 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SN74ACT7807
2048
× 9
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS200D – JANUARY 1991 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 1 through 5)
’ACT7807-15
’ACT7807-20
’ACT7807-25
’ACT7807-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
67
50
40
25
MHz
WRTCLK high or low
6
8
9
13
tw
Pulse duration
RDCLK high or low
6
8
9
13
ns
PEN low
6
9
9
13
D0–D8 before WRTCLK
↑
4
5
5
5
WRTEN1, WRTEN2
before WRTCLK
↑
4
5
5
5
tsu
Setup time
OE, RDEN1, RDEN2
before RDCLK
↑
5
6
6
6.5
ns
Reset: RESET low before
first WRTCLK
↑ and RDCLK↑†
7
8
8
8
PEN before WRTCLK
↑
4
5
5
5
D0–D8 after WRTCLK
↑
0
0
0
0
WRTEN1, WRTEN2
after WRTCLK
↑
0
0
0
0
th
Hold time
OE, RDEN1, RDEN2
after RDCLK
↑
0
0
0
0
ns
h
Reset: RESET low after
fourth WRTCLK
↑ and RDCLK↑†
5
5
5
5
PEN high after WRTCLK
↓
0
0
0
0
PEN low after WRTCLK
↑
3
3
3
3
† To permit the clock pulse to be utilized for reset purposes
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
TO
’ACT7807-15
’ACT7807-20
’ACT7807-25
’ACT7807-40
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP‡
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
WRTCLK or
RDCLK
67
50
40
25
MHz
tpd
RDCLK
↑
Any Q
3
9
12
3
13
3
18
3
25
ns
tpd§
RDCLK
↑
Any Q
8
ns
WRTCLK
↑
IR
1
9
1
12
1
14
1
16
t d
RDCLK
↑
OR
1
9
2
12
2
14
2
16
ns
tpd
WRTCLK
↑
AF/AE
2
16
2
20
2
25
2
30
ns
RDCLK
↑
AF/AE
2
17
2
20
2
25
2
30
tPLH
WRTCLK
↑
HF
2
19
2
21
2
23
2
25
ns
tPHL
RDCLK
↑
HF
2
16
2
18
2
20
2
22
ns
tPLH
RESET low
AF/AE
1
12
1
18
1
22
1
24
ns
tPHL
RESET low
HF
2
12
2
18
2
22
2
24
ns
ten
OE
Any Q
2
10
2
13
2
15
2
18
ns
tdis
OE
Any Q
1
11
1
13
1
15
1
18
ns
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ This parameter is measured with CL = 30 pF (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com