Electronic Components Datasheet Search
  English  ▼

X  

DC075BDR4 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # DC075BDR4
Description  SURSENSETM precision very low pressure sensors / V-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC075BDR4 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  DC075BDR4 Datasheet HTML 1Page - Sensortechnics GmbH DC075BDR4 Datasheet HTML 2Page - Sensortechnics GmbH DC075BDR4 Datasheet HTML 3Page - Sensortechnics GmbH DC075BDR4 Datasheet HTML 4Page - Sensortechnics GmbH DC075BDR4 Datasheet HTML 5Page - Sensortechnics GmbH DC075BDR4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
1
5
.
3
V
n
a
p
s
e
l
a
c
s
ll
u
F
3
.
.
.
G
.
.
.
C
D
.
.
.
D
.
.
.
C
D
0
.
5
5
.
2
±
)
C
°
0
5
-
0
(
y
c
a
r
u
c
c
a
l
a
t
o
T
4
.
.
.
N
1
0
0
C
D
.
.
.
B
5
R
2
C
D
0
.
2
±0
.
3
±
O
S
F
%
.
.
.
N
5
R
2
C
D
,
.
.
.
N
2
0
0
C
D
.
.
.
B
5
0
0
C
D
5
.
1
±5
.
2
±
s
r
e
h
t
o
ll
a
0
.
1
±0
.
2
±
)
g
1
±
(
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
p
t
e
s
f
f
O.
.
.
N
5
R
2
C
D
o
t
.
.
.
N
1
0
0
C
D
.
.
.
B
5
0
0
C
D
,
.
.
.
B
5
R
2
C
D
0
1
±
V
m
.
.
.
N
5
0
0
C
D
.
.
.
B
0
1
0
C
D
5
±
s
r
e
h
t
o
ll
a1
±
DC...R5
PERFORMANCE CHARACTERISTICS
1...6 V regulated output version
(V
S = 15.0 V, TA = 25°C, pressure applied to port 2)
ELECTRICAL CONNECTION
* Do not use for any reason
Note: The polarity indicated is for pressure applied to port 2
.
o
n
n
i
P
n
o
i
s
r
e
v
t
u
p
t
u
O
.
.
.
C
D
4
C
)
n
i
P
4
(
5
2
.
4
..
.
5
2
.
0V
c
i
r
t
e
m
o
i
t
a
r
.
.
.
C
D
4
R
)
n
i
P
6
(
5
2
.
4
..
.
5
2
.
0V
d
e
t
a
l
u
g
e
r
.
.
.
C
D
5
R
)
n
i
P
6
(
V
6
.
.
.
1
d
e
t
a
l
u
g
e
r
0n
i
p
o
nC
/
NC
/
N
1+ s
V+ s
Vs
V
+
2D
N
GD
N
GD
N
G
3V
t
u
oV
t
u
oV
t
u
o
4*
C
/
I*
C
/
I*
C
/
I
5n
i
p
o
nC
/
NC
/
N
Pin 0
marked by dot
5 4 3 2 1 0
Notes:
3
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
4
Total accuracy includes non-linearity, hysteresis, repeatability, zero offset and span error, thermal effect on zero offset and span.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com