Electronic Components Datasheet Search
  English  ▼

X  

DC075BDR5 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # DC075BDR5
Description  SURSENSETM precision very low pressure sensors / V-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC075BDR5 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  DC075BDR5 Datasheet HTML 1Page - Sensortechnics GmbH DC075BDR5 Datasheet HTML 2Page - Sensortechnics GmbH DC075BDR5 Datasheet HTML 3Page - Sensortechnics GmbH DC075BDR5 Datasheet HTML 4Page - Sensortechnics GmbH DC075BDR5 Datasheet HTML 5Page - Sensortechnics GmbH DC075BDR5 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
PRESSURE SENSOR CHARACTERISTICS
Maximum ratings (for all devices)
Supply voltage V
S
4.9 to 5.1 V (DC...C4)
7 to 30 V (DC...R4, DC...R5)
Lead temperature (soldering 5 sec.)
315 °C
Maximum load current
Source
2 mA
Sink
20 µA
Environmental specifications (for all devices)
Temperature range
Compensated
0 to 50°C
Operating
-25 to +85°C
Storage
-40 to +125°C
Humidity limits (non-condensing)
0 to 95 %RH
.
o
n
t
r
a
Ps
e
g
n
a
r
e
r
u
s
s
e
r
Pe
r
u
s
s
e
r
p
f
o
o
r
P
1
e
r
u
s
s
e
r
p
t
s
r
u
B
2
.
.
.
N
1
0
0
C
DH
"
1
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
2
0
0
C
DH
"
2
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
5
R
2
C
DH
"
5
.
2
2OH
"
0
0
1
2OH
"
0
0
2
2O
.
.
.
N
5
0
0
C
DH
"
5
2OH
"
0
5
1
2OH
"
0
0
3
2O
.
.
.
N
0
1
0
C
DH
"
0
1
2OH
"
0
5
1
2OH
"
0
0
3
2O
.
.
.
N
0
2
0
C
DH
"
0
2
2OH
"
0
0
3
2OH
"
0
5
4
2O
.
.
.
N
0
3
0
C
DH
"
0
3
2OH
"
0
5
4
2OH
"
0
0
6
2O
.
.
.
B
5
R
2
C
Dr
a
b
m
5
.
2r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
B
5
0
0
C
Dr
a
b
m
5r
a
b
m
0
5
2r
a
b
m
0
0
5
.
.
.
B
0
1
0
C
Dr
a
b
m
0
1r
a
b
m
5
7
3r
a
b
m
0
5
7
.
.
.
B
5
2
0
C
Dr
a
b
m
5
2r
a
b
m
5
7
3r
a
b
m
0
5
7
.
.
.
B
0
5
0
C
Dr
a
b
m
0
5r
a
b
m
0
5
7r
a
b
m
5
2
1
1
.
.
.
B
5
7
0
C
Dr
a
b
m
5
7r
a
b
m
5
2
1
1r
a
b
m
0
0
5
1
Notes
1
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters of the sensing element.
2
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from the housing.
SPECIFICATIONS
CAUTION
Applications requiring supply voltages greater than 20 V on power-up must have a 10 Ohm resistor installed
between pin 1 of the sensor and the positiv (+) lead of the power supply.
If the sensor is subjected to a supply voltage of >20 V without ramp up, a current spike may occur causing the
operational amplifier and/or the ASIC to fail.
Do not operate above 30 V max. Due to internal component ratings, the maximum safe operating voltage
specification is 30 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com