Electronic Components Datasheet Search
  English  ▼

X  

RBAP005DB Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # RBAP005DB
Description  Signal conditioned pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RBAP005DB Datasheet(HTML) 5 Page - Sensortechnics GmbH

  RBAP005DB Datasheet HTML 1Page - Sensortechnics GmbH RBAP005DB Datasheet HTML 2Page - Sensortechnics GmbH RBAP005DB Datasheet HTML 3Page - Sensortechnics GmbH RBAP005DB Datasheet HTML 4Page - Sensortechnics GmbH RBAP005DB Datasheet HTML 5Page - Sensortechnics GmbH RBAP005DB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RBA Series
Signal conditioned pressure sensors
5/6
E / 11717 / A
www.sensortechnics.com
ELECTRICAL CONNECTIONS
RBA...DU, RBA...DB
RBA...GU
RBA...AU
Note:
Pins 4, 5, 6, 7 and 8 are internal device
connections and should not be connected
for any reason!
Vs (pin 1)
identifier
Vs (pin 1)
identifier
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
+Vs
Vout
GND
N/C
Vs (pin 1)
identifier
N/C
N/C
N/C
N/C
+Vs
Vout
GND
N/C
TOTAL ACCURACY (-20 to +105°C)
-20
0
20
40
60
85
105
Temperature (°C)
-1.0
-2.0
-3.0
0
3.0
2.0
1.0
For all RBAP... devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com