Electronic Components Datasheet Search
  English  ▼

X  

RBAP030DB Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RBAP030DB
Description  Signal conditioned pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RBAP030DB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RBAP030DB Datasheet HTML 1Page - Sensortechnics GmbH RBAP030DB Datasheet HTML 2Page - Sensortechnics GmbH RBAP030DB Datasheet HTML 3Page - Sensortechnics GmbH RBAP030DB Datasheet HTML 4Page - Sensortechnics GmbH RBAP030DB Datasheet HTML 5Page - Sensortechnics GmbH RBAP030DB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RBA Series
Signal conditioned pressure sensors
2/6
E / 11717 / A
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
(V
S = 5.0 VDC, TA = 25°C)
r
e
b
m
u
n
t
r
a
Pe
g
n
a
r
e
r
u
s
s
e
r
Pe
r
u
s
s
e
r
p
t
s
r
u
B
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
B
D
5
0
0
H
A
B
R5
±
.
.
.
0
H
"
2O
3
i
s
p
0
0
4
.
0
H
"
/
V
2O
B
D
0
1
0
H
A
B
R0
1
±
.
.
.
03
0
0
2
.
0
U
D
0
1
0
H
A
B
R0
1
.
.
.
03
0
0
4
.
0
U
A
5
1
0
P
A
B
R5
1
.
.
.
0
)
a
(
i
s
p
0
3
)
a
(
i
s
p
7
6
2
.
0
i
s
p
/
V
U
A
0
3
0
P
A
B
R0
3
.
.
.
00
63
3
1
.
0
U
A
0
0
1
P
A
B
R0
0
1
.
.
.
00
5
10
4
0
.
0
U
)
D
,
G
(
1
0
0
P
A
B
R1
.
.
.
0
)
g
(
i
s
p
5
)
g
(
i
s
p
0
0
.
4
U
)
D
,
G
(
5
0
0
P
A
B
R5
.
.
.
00
20
8
.
0
U
)
D
,
G
(
5
1
0
P
A
B
R5
1
.
.
.
00
37
6
2
.
0
U
)
D
,
G
(
0
3
0
P
A
B
R0
3
.
.
.
00
63
3
1
.
0
U
)
D
,
G
(
0
0
1
P
A
B
R0
0
1
.
.
.
00
5
10
4
0
.
0
B
D
1
0
0
P
A
B
R1
±
.
.
.
0
)
d
(
i
s
p
5
)
d
(
i
s
p
0
0
.
2
B
D
5
0
0
P
A
B
R5
±
.
.
.
00
20
4
.
0
B
D
5
1
0
P
A
B
R5
1
±
.
.
.
00
33
3
1
.
0
B
D
0
3
0
P
A
B
R0
3
±
.
.
.
00
67
6
0
.
0
B
D
0
0
1
P
A
B
R0
0
1
±
.
.
.
00
5
10
2
0
.
0
Specification notes:
1.
If maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing
die may fracture.
2.
Full Scale Span (FSS) is the algebraic difference between the output signal for the highest and lowest specified
pressure. Span is ratiometric to the supply voltage.
3.
Total accuracy is the combined error from offset and span calibration, linearity, pressure hysteresis, and temperature
effects. Linearity is the measured deviation based on a straight line. Hysteresis is the maximum output difference at any point
within the operating pressure range for increasing and decreasing pressure. Calibration errors include the deviation of offset
and full scale from nominal values.
4.
Delay time between sampling and signal change at the output.
5.
The smallest change in the output voltage, given any change in pressure.
6.
This is the maximum temperature shift for offset when measured between 0...85 °C relative to the 25 °C reading.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com