Electronic Components Datasheet Search
  English  ▼

X  

CS6-34 Datasheet(PDF) 1 Page - Superworld Electronics

Part # CS6-34
Description  POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CS6-34 Datasheet(HTML) 1 Page - Superworld Electronics

  CS6-34 Datasheet HTML 1Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. CONFIGURATION & DIMENSIONS :
3. ELECTRICAL CHARACTERISTICS ( @ 25°C ) :
SUPERWORLD ELECTRONICS (S) PTE LTD
2. SCHEMATIC :
CS6-34 (F) SERIES
POWER TRANSFORMER
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
8
6
10
2
4
" " indicates polarity
6.35
(0.250)
3.96
(0.156)
ML
L
6
A
9
4
5
10
321
8
7
B
9.53
(0.375)
W
4.76(0.187)Dia. Mfg.
Holes
4.76(0.187)Quick Connect
Solder Lug Terminal
74.63
(2.938)
6
SIZE
W
42.88
(1.688)
82.55
(3.250)
30
VA
L
H
49.23
(1.938)
71.45
(2.813)
27.00
(1.063)
A
B
498.95
ML
gram
UNIT : mm (inch)
a. Primary Voltage
AC 115 V 60 Hz .
b. No Load Primary Current
Less Than 35mA .
c. Secondary Voltage (±5%)
AC 40.00 V .
d. Secondary Load Current
0.88A .
e. Full Load Primary Current
Less Than 340mA .
f. Full Load Secondary Voltage (±5%)
34.00V .
Pin 6-8
Pin 2-4
g. DC Resistance
Pin 6-10 C.T. Pin 8
Primary = 22.50 Ohm .
Pin 8-10
h. Insulation Resistance
i. Withstand Voltage (Hi-Pot)
Secondary-1 = - Ohm .
DC 500V 100Meg Ohm Of More .
AC 2500V 60Hz 1 Minutes .
Less Than 60 Deg C .
EI-57 x 26.00 m/m .
j. Temperature Rise
k. Core Size
684
l. Turns & Wire Gauge
Primary
0-119-238
Secondary
Pin 6-8-10
Pin 2-4
Turns Diameter 0.28 m/m .
0.45 m/m .
Turns Diameter
Pin 6-10 C.T. Pin 8
Secondary-2 = - Ohm .


Similar Part No. - CS6-34

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CS6-30 SUPERWORLD-CS6-30 Datasheet
109Kb / 1P
POWER TRANSFORMER
CS6-36 SUPERWORLD-CS6-36 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - CS6-34

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com