Electronic Components Datasheet Search
  English  ▼

X  

RMOP001GFD Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # RMOP001GFD
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOP001GFD Datasheet(HTML) 1 Page - Sensortechnics GmbH

  RMOP001GFD Datasheet HTML 1Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 2Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 3Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 4Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 5Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 6Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 7Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 8Page - Sensortechnics GmbH RMOP001GFD Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RMO Series
Precision compensated pressure sensors
1/10
www.sensortechnics.com
E / 11711 / A
FEATURES
· 0...10 mbar to 0...10 bar,
0...4 inch H
2O to 0...150 psi,
absolute, gage or differential pressure
· Precision temperature compensated
· Calibrated offset and span
· Sensortechnics PRO services
EQUIVALENT CIRCUIT
MEDIA COMPATIBILITY
Non-corrosive, non-ionic working fluids such as
clean dry air, dry gases and the like.
The media wetted materials are:
port 1: front side of silicon sensor chip, glass filled
nylon, RTV, silgel (for devices from 5 psi),
ceramic (Al
2O3)
port 2: silicon sensor chip, glass filled nylon, RTV,
ceramic (Al
2O3)
+Vs
3
+Vout
2
-Vout
4
1
-Vs
SPECIFICATIONS
Maximum ratings
Supply voltage
3 to 16 V
Temperature limits
Compensated
0 to 70 °C
Operating
-25 to 85°C
Storage
-40 to 125 °C
Lead temperature (soldering 5 seconds)
315°C
Humidity limits (non-condensing)
0 to 95 %RH
Common mode pressure
50 psig


Similar Part No. - RMOP001GFD

ManufacturerPart #DatasheetDescription
logo
TEMEX
RMO1490A TEMEX-RMO1490A Datasheet
3Mb / 2P
Frequency stability over temperature as low
logo
Recom International Pow...
RMOD300-80-12.2SUW RECOM-RMOD300-80-12.2SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-80-13.7SUW RECOM-RMOD300-80-13.7SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-80-24.5SUW RECOM-RMOD300-80-24.5SUW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
RMOD300-UW RECOM-RMOD300-UW Datasheet
1Mb / 10P
300W ◊ Ultra-Wide Input: 18-106VDC RMOD300-UW Series ◊ Plug & Play E-Mobility
Rev.: 0-2024
More results

Similar Description - RMOP001GFD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
Precision compensated pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com