Electronic Components Datasheet Search
  English  ▼

X  

RZUP005DN Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RZUP005DN
Description  Basic pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RZUP005DN Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RZUP005DN Datasheet HTML 1Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 2Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 3Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 4Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RZU Series
Basic pressure sensors
4/5
E / 11708 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS (cont.)
DIP package, single port
13.97
(0.550)
11.94
(0.470)
1.91
(0.075)
13.84
(0.545)
8.00
(0.315)
6.00
(0.24) NOM
2.79
(0.110) TYP
15.2
(0.60) NOM
0.25
(0.010)
TYP
0.51
(0.020) TYP
2.54
(0.100) TYP
Ø 2.67
(0.105) TYP
2 ° draft
Ø 0.64 (0.025)
vent hole
(gage devices only)
DIP package, dual port
3.43
(0.135)
15.2
(0.60) NOM
3.6
(0.14)
6.4
(0.25)
4.3
(0.17) TYP
0.25
(0.010)
TYP
13.97
(0.550)
11.94
(0.470)
Ø 2.29
(0.090) TYP
2 ° draft
7.24
(0.285)
9.65
(0.380)
2.79
(0.110) TYP
2.54
(0.100) TYP
0.51
(0.020) TYP
7.62
(0.300) TYP
mass: 1 g
dimensions in mm (inches)
third angle projection
mass: 1 g
dimensions in mm (inches)
third angle projection



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com