Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS232B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS232B
Description  16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS232B Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS232B Datasheet HTML 1Page - Texas Instruments SN74ALS232B Datasheet HTML 2Page - Texas Instruments SN74ALS232B Datasheet HTML 3Page - Texas Instruments SN74ALS232B Datasheet HTML 4Page - Texas Instruments SN74ALS232B Datasheet HTML 5Page - Texas Instruments SN74ALS232B Datasheet HTML 6Page - Texas Instruments SN74ALS232B Datasheet HTML 7Page - Texas Instruments SN74ALS232B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74ALS232B
16
× 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS251B – FEBRUARY 1989 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Asynchronous Inputs and
Outputs
D 16 Words by 4 Bits
D Data Rates up to 40 MHz
D Fall-Through Time 14 ns Typical
D 3-State Outputs
D Package Options Include Plastic
Small-Outline Package (DW), Plastic Chip
Carriers (FN), and Standard Plastic 300-mil
DIPs (N)
description
This 64-bit memory features high speed and fast
fall-through times. It is organized as 16 words by
4 bits.
A first-in, first-out (FIFO) memory is a storage
device that allows data to be written into and read
from its array at independent data rates. This
FIFO is designed to process data at rates up to
40 MHz in a bit-parallel format, word by word.
Data is written into memory on a low-to-high
transition at the load-clock (LDCK) input and is
read out on a low-to-high transition at the
unload-clock (UNCK) input. The memory is full
when the number of words clocked in exceeds by
16 the number of words clocked out. When the
memory is full, LDCK signals have no effect on the
data residing in memory. When the memory is
empty, UNCK signals have no effect.
Status of the FIFO memory is monitored by the FULL and EMPTY output flags. The FULL output is low when
the memory is full and high when it is not full. The EMPTY output is low when the memory is empty and high
when it is not empty.
A low level on the reset (RST) input resets the internal stack-control pointers and also sets EMPTY low and sets
FULL high. The Q outputs are not reset to any specific logic level. The first low-to-high transition on LDCK, after
either a RST pulse or from an empty condition, causes EMPTY to go high and the data to appear on the
Q outputs. It is important to note that the first word does not have to be unloaded. Data outputs are noninverting
with respect to the data inputs and are at high impedance when the output-enable (OE) input is low. OE does
not affect the FULL or EMPTY output flags. Cascading is easily accomplished in the word-width direction but
is not possible in the word-depth direction.
The SN74ALS232B is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
OE
FULL
LDCK
D0
D1
D2
D3
GND
DW OR N PACKAGE
(TOP VIEW)
3 2 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
EMPTY
Q0
NC
Q1
Q2
LDCK
D0
NC
D1
D2
FN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
UNCK
EMPTY
Q0
Q1
Q2
Q3
RST
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ALS232B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS232B TI2-SN74ALS232B Datasheet
286Kb / 11P
16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
REVISED APRIL 1998
SN74ALS232BN TI2-SN74ALS232BN Datasheet
286Kb / 11P
16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
REVISED APRIL 1998
SN74ALS232BN.A TI2-SN74ALS232BN.A Datasheet
286Kb / 11P
16 × 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
REVISED APRIL 1998
More results

Similar Description - SN74ALS232B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com