Electronic Components Datasheet Search
  English  ▼

X  

DSDX030D4D Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # DSDX030D4D
Description  Digital pressure transducers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DSDX030D4D Datasheet(HTML) 2 Page - Sensortechnics GmbH

  DSDX030D4D Datasheet HTML 1Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 2Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 3Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 4Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 5Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 6Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 7Page - Sensortechnics GmbH DSDX030D4D Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DSDX Series
Digital pressure transducers
2/8
February 2009 / 545
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS
(V
S = 5.0 VDC, TA = 25°C)
PRESSURE SENSOR CHARACTERISTICS
Maximum ratings
Supply voltage V
S
4.75 to 5.25 V
DC
max. 6.50 V
DC
Lead temperature (2 - 4 sec.)
250°C
Environmental specifications
Temperature ranges
Compensated
0 to +85°C
Operating
-20 to +105°C
Storage
-40 to +125°C
Vibration:
10 g at 20 - 2000 Hz
Shock:
100 g for 11 ms
r
e
b
m
u
n
t
r
a
Pe
g
n
a
r
e
r
u
s
s
e
r
Pe
r
u
s
s
e
r
p
t
s
r
u
B
1
)
.
p
y
t
(
y
t
i
v
i
t
i
s
n
e
S
R
2
A
5
1
0
X
D
S
D5
1
o
t
0
)
a
(
i
s
p
0
3
)
a
(
i
s
p
8
1
2
/
s
t
n
u
o
c
i
s
p
R
2
A
0
3
0
X
D
S
D0
3
o
t
00
69
0
1
R
2
A
0
0
1
X
D
S
D0
0
1
o
t
00
5
13
3
R
4
D
/
R
2
G
1
0
0
X
D
S
D1
o
t
0
)
d
,
g
(
i
s
p
5
)
d
,
g
(
i
s
p
7
7
2
3
R
4
D
/
R
2
G
5
0
0
X
D
S
D5
o
t
00
25
5
6
R
4
D
/
R
2
G
5
1
0
X
D
S
D5
1
o
t
00
38
1
2
R
4
D
/
R
2
G
0
3
0
X
D
S
D0
3
o
t
00
69
0
1
R
4
D
/
R
2
G
0
0
1
X
D
S
D0
0
1
o
t
00
5
13
3
D
4
D
1
0
0
X
D
S
D1
±
o
t
05
8
3
6
1
D
4
D
5
0
0
X
D
S
D5
±
o
t
00
28
2
3
D
4
D
5
1
0
X
D
S
D5
1
±
o
t
00
39
0
1
D
4
D
0
3
0
X
D
S
D0
3
±
o
t
00
65
5
D
4
D
0
0
1
X
D
S
D0
0
1
±
o
t
00
5
16
1
Caution!
The sensor is not reverse polarity protected.
Incorrect applications of excitation voltage or ground to the wrong pin can cause electrical failure.
Application of supply voltage above the maximum can cause electrical failure.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com