Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS236 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS236
Description  64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS236 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS236 Datasheet HTML 1Page - Texas Instruments SN74ALS236 Datasheet HTML 2Page - Texas Instruments SN74ALS236 Datasheet HTML 3Page - Texas Instruments SN74ALS236 Datasheet HTML 4Page - Texas Instruments SN74ALS236 Datasheet HTML 5Page - Texas Instruments SN74ALS236 Datasheet HTML 6Page - Texas Instruments SN74ALS236 Datasheet HTML 7Page - Texas Instruments SN74ALS236 Datasheet HTML 8Page - Texas Instruments SN74ALS236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74ALS236
64
× 4
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDAS107C – OCTOBER 1986 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The FIFO must be reset after power up with a low-level pulse on the master reset (RST) input. This sets IR high
and OR low, signifying that the FIFO is empty. Resetting the FIFO sets the outputs to a low logic level (see
Figure 1). If SI is high when RST goes high, the input data is shifted in and IR goes low and remains low until
SI goes low. If SI goes low before RST goes high, the input data is not shifted in and IR goes high. Data outputs
are noninverting with respect to the data inputs.
The SN74ALS236 is characterized for operation from 0
°C to 70°C.
logic symbol†
Pin numbers shown are for the DW and N packages.
1D
4
D0
Q0
13
5
D1
Q1
12
6
D2
Q2
11
7
D3
Q3
10
FIFO 64
× 4
CTR
RST
3
SI
G2
R
9
OR
14
5 + /C1
15
SO
G3
4 –
IR
2
CT = 0
3CT > 0
(CT > 0) G4
2CT < 64
(CT < 64) G5
† This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12.
functional block diagram
FIFO
Input
Stage
D0
D1
D2
D3
Input-
Control
Logic
IR
SI
62
× 4 Bit
Register
Register-
Control
Logic
FIFO
Output
Stage
Output-
Control
Logic
Q0
Q1
Q2
Q3
OR
SO
RST
4
5
6
7
2
3
9
13
12
11
10
15
14
Pin numbers shown are for the DW and N packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com