Electronic Components Datasheet Search
  English  ▼

X  

RMOP005GFDP Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # RMOP005GFDP
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOP005GFDP Datasheet(HTML) 6 Page - Sensortechnics GmbH

Back Button RMOP005GFDP Datasheet HTML 2Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 3Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 4Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 5Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 6Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 7Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 8Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 9Page - Sensortechnics GmbH RMOP005GFDP Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RMO Series
Precision compensated pressure sensors
6/10
www.sensortechnics.com
E / 11711 / A
OUTLINE DRAWING AND ELECTRICAL CONNECTION (cont.)
RMO...AFM... and
RMO...GFM...
RMO...ATM... and
RMO...GTM...
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
n
i
Pn
o
i
t
c
e
n
n
o
C
1s
V
-
2t
u
o
V
+
3s
V
+
4t
u
o
V
-
Engraved "1"
denotes Pin 1
Ø 4.8
(0.19)
10.9
(0.43)
17.8
(0.70)
4.1
(0.16)
29.5
(1.16)
8.1
(0.32)
23.1
(0.91)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Ø 3.9
(0.16)
P 1
Vent (P 2)
(GT only)
Engraved "1"
denotes Pin 1
8.1
(0.32)
16.5
(0.65)
23.1
(0.91)
29.5
(1.16)
17.8
(0.70)
Ø 4.8
(0.19)
20.0
(0.8)
0.3
(0.01)
1 2 3 4
0.5
(0.02)
2.5
(0.10)
Ø 3.9
(0.16)
P 1
Vent (P 2)
(GF only)
mass: approx. 2 g
dimensions in mm (inches)
mass: approx. 2 g
dimensions in mm (inches)
third angle projection
third angle projection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com