Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS2541 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALS2541
Description  OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS2541 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALS2541 Datasheet HTML 1Page - Texas Instruments SN74ALS2541 Datasheet HTML 2Page - Texas Instruments SN74ALS2541 Datasheet HTML 3Page - Texas Instruments SN74ALS2541 Datasheet HTML 4Page - Texas Instruments SN74ALS2541 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74ALS2541
OCTAL LINE DRIVER/MOS DRIVER
WITH 3-STATE OUTPUTS
SDAS273 – DECEMBER 1994
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP †
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
V
VOL
VCC =4 5V
IOL = 1 mA
0.15
0.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.35
0.8
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
µA
IOH
VCC = 4.5 V,
VO = 2 V
–15
mA
IOL
VCC = 4.5 V,
VO = 2 V
30
mA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–15
–70
mA
Outputs high
6
14
ICC
VCC = 5.5 V
Outputs low
15
25
mA
Outputs disabled
13.5
22
† All typical values are VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX§
UNIT
MIN
MAX
tPLH
A
Y
2
15
ns
tPHL
A
Y
2
12
ns
tPZH
OE
Y
5
15
ns
tPZL
OE
Y
8
20
ns
tPHZ
OE
Y
1
10
ns
tPLZ
OE
Y
2
12
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com